Part Number Hot Search : 
2544E PSD6407 693A54 4PH40 TA50N25 ER100 645ETTTS BC857B
Product Description
Full Text Search
 

To Download 2SC4179 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxia 2SC4179
Transistors IC
Features
High gain bandwidth product. Low output capacitance. Low noise figure.
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT Tj Tstg Rating 50 30 5 50 150 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Base-emitter voltage * Collector-emitter saturation voltage * Gain bandwidth product Output capacitance Collector to base time constant Noise figure *. PW 350is,duty cycle 2% Symbol ICBO IEBO hFE VBE Testconditons VCB = 50V, IE=0 VEB = 5V, IC = 0 VCE = 6V , IC = 1.0mA VCE = 6V , IC = 1.0mA 60 0.65 100 0.70 0.08 150 250 1.9 10 2 2.2 15 4 Min Typ Max 0.1 0.1 180 0.75 0.3 V V MHz pF ps dB Unit iA iA
VCE(sat) IC = 10mA, IB = 1.0mA fT Cob VCE = 6V, IE = -1.0mA VCE = 6V, IE = 0, f = 1MHz
Cc'rb'b VCB = 6V , IE = -10mA , f = 31.9MHz NF VCE = 6V , IE = -1.0mA , Rg = 500U, f = 1.0MHz
hFE Classification
Marking hFE FA3 60 120 FA4 90 180
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC4179

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X