Part Number Hot Search : 
YLT500VM MJD34003 ST72X734 TEA5762 MC34063 MBR10150 476M0 ON2794
Product Description
Full Text Search
 

To Download 2SC4135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High-Voltage Switching Applications 2SC4135
TO-252
+0.15 1.50 -0.15
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
High breakdown voltage and large current capacity. Fast switching speed.
+0.2 9.70 -0.2
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 120 100 6 2 3 1 150 -55 to +150 Unit V V V A A W
3.80
www.kexin.com.cn
1
SMD Type
2SC4135
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Turn-on time Symbol ICBO IEBO hFE fT Cob Testconditons VCB = 100V, IE=0 VEB = 4V, IC=0 VCE =5V , IC = 100mA VCE = 10V , IC = 100mA VCB = 10V , f = 1.0MHz
Transistors
Min
Typ
Max 100 100
Unit nA nA
100 120 16 0.13 0.85 120 100 6 80
400 MHz pF 0.4 1.2 V V V V V ns
VCE(sat) IC = 1A , IB = 100mA VBE(sat) IC = 1A , IB = 100mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 ton
Storage time
tstg
1000
ns
Fall time
tf
50
ns
hFE Classification
Rank hFE R 100 200 S 140 280 T 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC4135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X