Part Number Hot Search : 
BA6250 G121S TDA5709 REG71 A511RU SCDAS05 M5L8226P MT413
Product Description
Full Text Search
 

To Download 2SC3902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3902
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 160V(Min) *Large Current Capacity *Complement to Type 2SA1507
APPLICATIONS *Color TV audio output, converters, inverters.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
1.5
A
ICM
Collector Current-Peak Collector Power Dissipation @ TC=25
2.5
A
10 W
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 1.5
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC3902
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10A; IE= 0 IC= 1mA; RBE=
180
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
160
V
V(BR)EBO
Emitter-Base Breakdown Vltage
IE= 10A; IC= 0
6
V
VCE(sat) VBE(sat) ICBO
Collector-Emitter Saturation Voltage
IC= 500mA; IB= 50mA IC= 500mA; IB= 50mA VCB= 120V; IE= 0 VEB= 4V; IC= 0
0.45
V
Base-Emitter Saturation Voltage
1.2
V A A
Collector Cutoff Current
0.1
IEBO
Emitter Cutoff Current
0.1
hFE
DC Current Gain
IC= 10mA; VCE= 5V
100
400
fT
Current-Gain--Bandwidth Product
IC= 50mA; VCE= 10V
120
MHz
COB
Output Capacitance
IE= 0; VCB= 10V, ftest= 1MHz
14
pF
Switching Times s s s
ton tstg tf
Turn-on Time IC= 0.7A, IB1= -IB2= 70mA RL= 14.3; VCC= 100V
0.04
Storage Time
1.2
Fall Time
0.08
hFE Classifications R 100-200 S 140-280 T 200-400
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X