Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download 2SC2542 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2542
DESCRIPTION With TO-220C package High voltage ,high speed switching High reliability APPLICATIONS Switching regulators Ultrasonic generators High frequency inverters General purpose power amplifiers
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER

CHA IN
Collector current Base current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter Open base Open collector
CONDITIONS
OND IC
TOR UC
VALUE 450 400 7 5 1.5 UNIT V V V A A W ae ae
Emitter-base voltage
Collector power dissipation Junction temperature Storage temperature
TC=25ae
40 150 -45~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 3.0 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SC2542
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ; IB=0
400
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ; IE=0
450
V
V(BR)EBO
Emitter-base breakdown voltage
IE=0.1mA ; IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=2A; IB=0.4A
1.2
V
VBEsat
Base-emitter saturation voltage
IC=2A; IB=0.4A
1.5
V
ICBO
Collector cut-off current
VCB=450V ;IE=0
1.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
hFE
Switching times
IN
DC current gain

IC=2 A ; VCE=5V
ton
Turn-on time
ts
Storage time
CHA
E SEM NG
OND IC
TOR UC
10 1.0 |I 2.0 |I
0.1
mA
s
IC=4A; IB1=0.8A IB2=-0.8A;RL=20|
s
tf
Fall time
1.0
|I
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2542

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2542

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC2542

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X