Part Number Hot Search : 
LA7577 S6020 50KHZ AN5870K SM100 UVTOP310 25001 SKL13B
Product Description
Full Text Search
 

To Download 2SC2361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2361
DESCRIPTION *With TO-220C package *Complement to type 2SA1123 *Low collector saturation voltage APPLICATIONS *For power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 100 70 6 4 25 150 -50~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBE ICBO IEBO hFE fT PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=0.1 A; IB=0 IE=1m A; IC=0 IC=4A; IB=0.4A IC=3A ; VCE=4V VCB=100V; IE=0 VEB=6V; IC=0 IC=2.5A ; VCE=3V IC=0.5A ; VCE=10V 50 MIN 70 6
2SC2361
TYP.
MAX
UNIT V V
1.5 2.0 10 10 240 70
V V A A
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2361
Fig.2 Outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X