Part Number Hot Search : 
256X9 10150 TT2135 2SK31 BTEM17P 4805E JANTX1 CDD11210
Product Description
Full Text Search
 

To Download 2SC2023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2023
DESCRIPTION *With TO-220C package *High breakdown voltage APPLICATIONS *Series regulator, switch, and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 300 300 6 2 0.2 40 150 -50~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT Cob PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=25mA ; IB=0 IC=1A; IB=0.2A VCB=300V ;IE=0 VEB=6V; IC=0 IC=0.5 A ; VCE=4V IC=0.2A ; VCE=12V f=1MHz ; VCB=10V 30 10 75 MIN 300 TYP.
2SC2023
MAX
UNIT V
1.0 1.0 1.0
V mA mA
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=1A, IB1=0.1A IB2=-0.2A; VCC=100V RL=100 0.30 4.00 1.00 s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2023
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X