Part Number Hot Search : 
XXBGR A6259KA 2SB745 BU4828 WRB2424 CS101 OPB819Z BR88DL
Product Description
Full Text Search
 

To Download 2SC1871A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1871A
DESCRIPTION *With TO-3 package *High switching speed APPLICATIONS *For power switching applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
MAXIMUN RATINGS
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature Tmb25 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 10 3 100 150 -65~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case VALUE 1.25 UNIT /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE -2 PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ; IB=0 IC=1mA ; IE=0 IE=1mA ; IC=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=500V; IE=0 VEB=7V; IC=0 IC=5A ; VCE=5V IC=10A ; VCE=5V 15 10 MIN 400 500 7
2SC1871A
TYP.
MAX
UNIT V V V
1.0 1.5 0.1 0.1
V V mA mA
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1871A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1871A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X