Part Number Hot Search : 
IDT74 APTRG TM12864F KSC1623O NE06L 7805T DT72821L 018ENA1
Product Description
Full Text Search
 

To Download 2SC1756 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220 package High breakdown voltage APPLICATIONS For TV chroma,video ,audio output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC1756
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM
Collector-base voltage

PARAMETER
CONDITIONS Open emitter Open base
Collector-emitter voltage
HAN INC
Emitter-base voltage Collector current (DC) Collector current-peak Junction temperature Storage temperature
SEM GE
Ta=25ae TC=25ae
Open collector
OND IC
TOR UC
VALUE 300 300 7 0.2 0.7 1.2
UNIT V V V A A
PC
Collector power dissipation 15 150 -40~150 ae ae
W
Tj Tstg
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=1mA ;IB=0 IC=50mA ;IB=5mA VCB=200V ;IE=0 VEB=5V; IC=0 IC=10mA ; VCE=10V IC=10mA ; VCE=30V f=1MHz;VCB=50V 40 50 MIN 300
2SC1756
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
2.0 0.1 0.1 200 |I |I
V A A
MHz 5.3 pF
hFE classifications C
40-80

D E 100-200
60-120
HAN INC
SEM GE
OND IC
TOR UC
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1756
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1756
4


▲Up To Search▲   

 
Price & Availability of 2SC1756

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X