Part Number Hot Search : 
2SD2236 2SC510 2SA2062 AN4208 NTX1N STD2NB80 FN2411 70230
Product Description
Full Text Search
 

To Download 2SC1433 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1433
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *For high voltage switching power amplifier applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
*
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 600 400 5 5 50 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SC1433
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
400
V
V(BR)EBO
Emitter-base breakdown votage
IE=1.0mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=5 A;IB=1A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=5 A;IB=1A
2.0
V
ICBO
Collector cut-off current
VCB=600V;IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
mA
hFE
DC current gain
IC=1A ; VCE=5V
20
300
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1433
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1433

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X