Part Number Hot Search : 
M66244FP 00208 IC16F1 BC808 ISL8801 IN74ACT B2014RU ON0315
Product Description
Full Text Search
 

To Download 2SC1431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1431
DESCRIPTION *With TO-66 package *Excellent safe operating area APPLICATIONS *For use in high frequency power amplifier applications.
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 110 110 5 2 23 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBE sat ICBO IEBO hFE fT PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=50mA ;IB=0 IE=1mA ;IC=0 IC=1A; IB=0.1A IC=1A; IB=0.1A VCB=110V; IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=2V IC=0.4A ; VCE=10V 50 30 MIN 110 5
2SC1431
TYP.
MAX
UNIT V V
1.0 1.2 10 10 240
V V A A
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1431
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X