Part Number Hot Search : 
ILC6360 BX24P4L HPR210 A30101 ATF13786 MAA4868K 40006 SAA73
Product Description
Full Text Search
 

To Download 2SC1185 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1185
DESCRIPTION *With TO-3 package *Wide area of safe operation *High breakdown voltage :VCEO=250V(min) APPLICATIONS *For voltage regulator,inverter,switching mode power supply applications.
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 300 250 5 0.7 50 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SC1185
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=30mA; IB=0
250
V
V(BR)CBO V(BR)EBO
Collector-base breakdown voltage
IC=1mA; IE=0 IE=1mA; IC=0
300
V
Emitter-base breakdown voltage
5
V
VCEsat
Collector-emitter saturation voltage
IC=500mA; IB=100mA
1.0
V
VBEsat
Base-emitter saturation voltage
IC=500mA; IB=100mA
1.5
V A A
ICBO
Collector cut-off current
VCB=200V;IE=0
10
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
hFE
DC current gain
IC=0.4A ; VCE=10V
40
200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1185
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1185

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X