Part Number Hot Search : 
221M10 2SJ538 WMN6T D72020GC TRRPB E001966 527298B 2N6988
Product Description
Full Text Search
 

To Download 2SC1157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1157
DESCRIPTION *With TO-202 package *High transition frequency *Complement to type 2SA647 APPLICATIONS *For power amplifier switching applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-202) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 110 100 5 0.8 7 -40~150 -40~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEsat VBEsat V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE fT PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=300mA IB=30m A IC=300mA IB=30m A IC=100A;IE=0 IC=1mA; IB=0 IE=100A; IC=0 VCB=110V; IE=0 VEB=5V; IC=0 IC=300mA ; VCE=4V IE=100mA ; VCB=10V 20 110 100 5 MIN
2SC1157
TYP.
MAX 1.2 1.5
UNIT V V V V V
1.0 1.0 300 70
A A
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1157
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X