Part Number Hot Search : 
ENN7141 E005003 SL5501 KRA108M FAN4174 SMCJ20 610111 MB2646BB
Product Description
Full Text Search
 

To Download 2SA1757 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
Product Specification
Silicon PNP Power Transistor
2SA1757
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= -60V(Min) *High Switching Speed *Low Saturation Voltage: VCE(sat)= -0.3V(Max)@ (IC= -3A, IB= -0.15A) *Wide Area of Safe Operation
B
APPLICATIONS *Designed for power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO VCEO
Collector-Base Voltage
-100
V
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-5
A
ICM
Collector Current-Peak Collector Power Dissipation @Ta=25
-10
A
2 W
PC Collector Power Dissipation @TC=25 TJ Tstg Junction Temperature 25
150

Storage Temperature
-55~150
INCHANGE Semiconductor
Product Specification
Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEO(SUS) V(BR)EBO V(BR)CBO VCE(sat)-1 VCE(sat)-2 VBE(sat)-1 VBE(sat)-2 ICBO IEBO hFE fT COB PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Sustaining Voltage Emitter-Base Breakdown Voltage Collector-Base Breakdown Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current-Gain--Bandwidth Product Output Capacitance CONDITIONS IC= -1mA ; IB= 0 IC= -3A ; IB= -0.3A; L= 1mH IE= -50A ; IC= 0 IE= -50A ; IC= 0 IC= -3A; IB= -0.15A
B
2SA1757
MIN -60 -60 -5 -100
TYP.
MAX
UNIT V V V V
-0.3 -0.5 -1.2 -1.5 -10 -10 160 80 130 320
V V V V A A
IC= -4A; IB= -0.2A
B
IC= -3A; IB= -0.15A
B
IC= -4A; IB= -0.2A
B
VCB= -100V ; IE=0 VEB= -5V; IC=0 IC= -1A ; VCE= -2V IE= 0.5A;VCE= -10V; ftest= 30MHz IE= 0; VCB= -10V; ftest= 1MHz
MHz pF
Switching times ton tstg tf Turn-on Time Storage Time Fall Time RL= 10, VCC= -30V IC= -3A; IB1= -IB2= -0.15A 0.3 1.5 0.3 s s s
2


▲Up To Search▲   

 
Price & Availability of 2SA1757

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X