Part Number Hot Search : 
SPL880PT L4760 LBN72501 120F6 4ACT5 PT22431 B65821 C1390
Product Description
Full Text Search
 

To Download 2SA1400-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon Transistor 2SA1400-Z
TO-252
+0.15 1.50 -0.15
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
High Voltage: VCEO=-400V
+0.2 9.70 -0.2
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current (DC) Collector Current (Pulse) *1 Total power Dissipation (Ta=25 Junction Tmeperature Storage Temperature *1 pw 300is,Duty Cycle 10% *2 When mounted on ceramic substrate of 7.5cm2X0.7mm ) *2 Symbol VCBO VCEO VEBO IC IC PT Tj Tstg Rating -400 -400 -7 -0.5 -1 2 150 -55 to 150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain* Collector Saturation Voltage * Base Saturation Voltage * Turn-on Time Storage Time Fall time * PW 350is,Duty Cycle 2% Symbol ICBO IEBO hFE VCE(sat) VBE(sat) ton tstg tf Testconditons VCB=-400V,IE=0 VEB=-5V,IC=0 VCE=-5V,IC=-50mA IC=-100mA,IB=-10mA IC=-100mA,IB=-10mA IC=-100mA,RL=1.5KU IB1=-IB2=-10mA,VCC=-150V PW 50is,Duty Cycle 2% 30 Min Typ Max -100 -10 200 -1 -1.2 1 5 1 is V V Unit iA V
hFE Classification
Marking hFE N 30 to 60 M 40 to 80 L 60 to 120 K 100 to 200
3.80
High speed:tr 1.0is
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1400-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X