Part Number Hot Search : 
2412D REF03GSZ A2000 EDS25 D1275A EDS25 W83L7 MSMLG22A
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-523
2N7002T
FEATURES Power dissipation PD: 0.15 W (Tamb=25) MOSFET
Plastic-Encapsulated Transistors
SOT-523
( N-Channel )
1. GATE 2. SOURCE 3. DRAIN
Collector current ID: 115 mA Collector-base voltage VDS: 60 V Operating and storage junction temperature range TJ,Tstg: -55 to +150 Marking: 72 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Drain-Source Breakdown Voltage Gate-Threshold Voltage* Gate-body Leakage* * Symbol V(BR)DSS Vth(GS) lGSS IDSS VDS=60V,VGS=0V,Tj=125 On-state Drain Current * ID(ON) RDS(0n) * gFS CiSS COSS CrSS f=1MHz VGS=10V, VDS=7.5V VGS=5V, ID=50mA VGS=10V, ID=500mA VDS=10V, ID=200mA VDS=25V, VGS=0V
unless
Test
otherwise
specified)
MIN 60 1 2 10 1 A 500 500 1000 3.2 4.4 80 22 11 2 50 25 5 pF 7.5 13.5 mA ms TYP MAX UNIT V nA
conditions
VGS=0V,ID=10A VDS=VGS, ID=250A VDS=0V, VGS=20V VDS=60V, VGS=0V
Zero Gate Voltage Drain Current *
Drain-Source On-Resistance * Forward Tran conductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
SWITCHING
Turn-on Time Turn-off Time TD(ON) TD(OFF) VDD=30V,RL=150 ID=200mA,VGEN=10V RGEN=25 7 11 20 20 ns
* Pulse test.
Typical Characteristics
2N7002T


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X