Part Number Hot Search : 
FU9120 CX158 LTC694 C1812C LTC694 KRC282U 1N158 AF4409P
Product Description
Full Text Search
 

To Download 2N6933 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
DESCRIPTION *High Switching Speed *High Voltage APPLICATIONS *Off-line power supplies *High voltage inverters *Switching regulators ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER 2N6933 VCEV Collector-Emitter Voltage (VBE= -1.5V) 2N6934 2N6935 2N6933 VCEX Collector-Emitter Voltage 2N6934 2N6935 2N6933 VCEO Collector-Emitter Voltage 2N6934 2N6935 VEBO IC ICM IB
B
2N6933/34/35
VALUE 450 550 650 350 400 450 300 350 400 8 15 23 5 7 20 30 175 150 -65~150
UNIT
V
V
V
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Base Current-Peak Emitter Current-Continuous Emitter Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
V A A A A A A W
IBM IE IEM PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 0.71 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER 2N6933 VCEO(SUS) Collector-Emitter Sustaining Voltage 2N6934 2N6935 V(BR)EBO VCE(sat) VBE(sat) ICEV IEBO hFE COB Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Output Capacitance IE= 50mA; IC= 0 IC= 15A; IB= 3A IC= 15A; IB= 3A; TC= 100 IC= 15A; IB= 3A IC= 15A; IB= 3A; TC= 100 VCE= VCEV; VBE= -1.5V VCE= VCEV; VBE= -1.5V; TC= 100 VEB= 8V; IC=0 IC= 15A ; VCE= 3V IE= 0;VCB= 10V,ftest= 1.0MHz IC= 0.2A ;L= 25mH CONDITIONS
2N6933/34/35
MIN 300 350 400 8
MAX
UNIT
V
V 1.0 2.0 1.5 1.5 0.1 1.0 2.0 V V mA mA
8 150
35 pF
Switching Times; Resistive Load td tr ts tf Delay Time Rise Time Storage Time Fall Time IC= 15A; IB1= -IB2= 3A; RL= 20; VBB= -5V; VCC= 300V; tp= 30s 0.1 0.7 2.5 0.5 s s s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2N6933

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X