Part Number Hot Search : 
HT6523 BS223 MHW8188A H83937R 00393 TC3400 UTG14DCG H8S2506
Product Description
Full Text Search
 

To Download 20KPA104A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
20KPA SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-20.0 TO 300 Volts 20000 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * 20000W Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Repetition rate (duty cycle):0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0 ps from 0 volts to BV * Typical Id less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
P-600
1.0(25.4) MIN .360(9.1) .340(8.6) DIA
.360(9.1) .340(8.6)
.052(1.3) .048(1.2) DIA
1.0(25.4) MIN
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram
Dimensions in inches (milimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 20KPA20 thru types 20KPA300 Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING SYMBOL VALUE Peak Pulse Power Dissipation on 10/1000 s Pppm Minimum 20000 waveform (NOTE 1) Peak Pulse Current of on 10-1000 s waveform Ippm SEE TABLE 1 (NOTE 1) Steady State Power Dissipation at Tl=75 C Pm(AV) 8.0 Lead Lengths.375", (9.5mm)(NOTE 2) Peak Forward Surge Current, 8.3ms Sine-Wave IFSM 400.0 Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range Tj, Tstg -55 to +175 NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026 UNITS Watts Amps Watts
Amps C
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
20KPA Series Rating and Characteristics
Pppm 1 PEAK PULSE POWER 1 KW
10000 1000
Non-repetitive pulse waveform shown in Fig. 3TA = 25C
100
10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING
Fig.2 - Pulse Derating Curve
100
Peak Pulse Power (P ) PP or Current (IPP) Derating in Percentage,%
87.5 75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
TA - Ambient Temperature (C)
Fig.3 - Pulse Waveform
150
IPPM - Peak Pulse Current,% I RSM
tr = 10sec.
Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0
3.0
3.0
4.0
4.0
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
20000 Watt TVS
REVERSE BREAKDOWN MAXIMUM STANDOFF VOLTAGE TEST CLAMPING UNI-POLAR BI-POLAR VBR (V) VOLTAGE CURRENT VOLTAGE VRWM (V) (IT) mA @IPP Vc (V) MIN. @ I T 20.00 22.34 50 36.8 20KPA20A 20KPA20CA 24.00 26.81 50 41.2 20KPA24A 20KPA24CA 26.00 29.04 50 44.7 20KPA26A 20KPA26CA 28.00 31.28 50 48.0 20KPA28A 20KPA28CA 30.00 33.51 5 51.5 20KPA30A 20KPA30CA 32.00 35.74 5 54.3 20KPA32A 20KPA32CA 34.00 38.00 5 57.5 20KPA34A 20KPA34CA 36.00 40.20 5 61.5 20KPA36A 20KPA36CA 40.00 44.70 5 67.8 20KPA40A 20KPA40CA 44.00 49.10 5 72.7 20KPA44A 20KPA44CA 48.00 53.60 5 79.4 20KPA48A 20KPA48CA 52.00 58.10 5 85.8 20KPA52A 20KPA52CA 56.00 62.60 5 92.6 20KPA56A 20KPA56CA 60.00 67.00 5 97.6 20KPA60A 20KPA60CA 64.00 71.50 5 104.0 20KPA64A 20KPA64CA 68.00 76.00 5 110.0 20KPA68A 20KPA68CA 72.00 80.40 5 116.0 20KPA72A 20KPA72CA 80.00 89.40 5 130.0 20KPA80A 20KPA80CA 88.00 98.30 5 142.0 20KPA88A 20KPA88CA 96.00 107.20 5 155.0 20KPA96A 20KPA96CA 104.00 116.20 5 168.0 20KPA104A 20KPA104CA 112.00 125.10 5 182.0 20KPA112A 20KPA112CA 120.00 134.00 5 194.0 20KPA120A 20KPA120CA 132.00 147.40 5 213.0 20KPA132A 20KPA132CA 144.00 160.80 5 232.0 20KPA144A 20KPA144CA 160.00 178.70 5 258.0 20KPA160A 20KPA160CA 172.00 192.10 5 277.0 20KPA172A 20KPA172CA 180.00 201.10 5 291.0 20KPA180A 20KPA180CA 192.00 214.50 5 309.0 20KPA192A 20KPA192CA 204.00 227.90 5 329.0 20KPA204A 20KPA204CA 216.00 241.30 5 348.0 20KPA216A 20KPA216CA 232.00 259.10 5 374.0 20KPA232A 20KPA232CA 240.00 268.10 5 387.0 20KPA240A 20KPA240CA 256.00 286.00 5 412.0 20KPA256A 20KPA256CA 280.00 312.80 5 451.0 20KPA280A 20KPA280CA 300.00 335.10 5 483.0 20KPA300A 20KPA300CA For bidirectional type having Vrwm of 40 volts and less, the IR limit is double. For parts without A , the V BR is + 10% Certified RoHS Compliant UL File # E223026 REVERSE PEAK PULSE LEAKAGE CURRENT @ VRWM IPP (A) IR (A) 548.9 5000 490.3 5000 451.9 2000 420.8 1000 392.2 250 372.0 150 351.3 50 328.5 20 297.9 15 277.9 10 254.4 10 235.4 10 218.1 10 207.0 10 194.2 10 183.6 10 174.1 10 155.4 10 142.3 10 130.3 10 120.2 10 111.0 10 104.1 10 94.8 10 87.1 10 78.3 10 72.9 10 69.4 10 65.4 10 61.4 10 58.0 10 54.0 10 52.2 10 49.0 10 44.6 10 41.8 10


▲Up To Search▲   

 
Price & Availability of 20KPA104A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X