Part Number Hot Search : 
HC573 A3123EU MSM51 MAX6443 RF1401 2R7FKE3 11003 P13005D
Product Description
Full Text Search
 

To Download 1N5820-E354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5820 thru 1N5822
Vishay General Semiconductor
Schottky Barrier Rectifier
FEATURES * * * * * * * * Guardring for overvoltage protection Very small conduction losses Extremely fast switching Low forward voltage drop High forward surge capability High frequency operation Solder dip 260 C, 40 s Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
DO-201AD
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 3.0 A 20 V, 30 V, 40 V 80 A 0.475 V, 0.500 V, 0.525 V 125 C
TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc converters, and polarity protection applications. MECHANICAL DATA Case: DO-201AD Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: Color band denotes the cathode end
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Non-repetitive peak reverse voltage Maximum average forward rectified current 0.375" (9.5 mm) lead length at TL = 95 C Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load Storage temperature range SYMBOL VRRM VRMS VDC VRSM IF(AV) IFSM TJ, TSTG 1N5820 20 14 20 24 1N5821 30 21 30 36 3.0 80 - 65 to + 125 1N5822 40 28 40 48 UNIT V V V V A A C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum instantaneous forward voltage
(1)
TEST CONDITIONS 3.0 9.4 TA = 25 C TA = 100 C
SYMBOL VF VF IR
1N5820 0.475 0.850
1N5821 0.500 0.900 2.0 20
1N5822 0.525 0.950
UNIT V V mA
Maximum average reverse current at rated DC blocking voltage (1) Note:
(1) Pulse test: 300 s pulse width, 1 % duty cycle Document Number: 88526 Revision: 20-Aug-07 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 155
1N5820 thru 1N5822
Vishay General Semiconductor
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance from junction to lead vertical P.C.B. mounted, 0.500" (12.7 mm) lead length with 2.5 x 2.5" (63.5 x 63.5 mm) copper pad SYMBOL RJA RJL 1N5820 1N5821 40 10 1N5822 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N 1N5820-E3/54 1N5820-E3/73 UNIT WEIGHT (g) 1.08 1.08 PREFERRED PACKAGE CODE 54 73 BASE QUANTITY 1400 1000 DELIVERY MODE 13" diameter paper tape and reel Ammo pack packaging
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
4.0 100 TJ = 125 C
3.0
Instantaneous Forward Current (A)
Average Forward Current (A)
Resistive or Inductive Load 0.375" (9.5 mm) Lead Length
10
Pulse Width = 300 s 1 % Duty Cycle
2.0
1
TJ = 25 C 0.1
1.0
0 0 20 40 60 80 100 120 140
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Lead Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Forward Current Derating Curve
Figure 3. Typical Instantaneous Forward Characteristics
80
10 TJ = TJ Max. 8.3 ms Single Half Sine-Wave
Instantaneous Reverse Current (mA)
Peak Forward Surge Current (A)
70 60 50 40 30 20 10 1
TJ = 125 C 1
TJ = 75 C 0.1
0.01
TJ = 25 C
0.001 10 100 0 20 40 60 80 100
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Reverse Characteristics
www.vishay.com 156
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88526 Revision: 20-Aug-07
1N5820 thru 1N5822
Vishay General Semiconductor
1000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
100
Transient Thermal Impedance (C/W)
100
Junction Capacitance (pF)
10
100
1
10 0.1 1 10
0.1 0 0.1 1 10 100
Reverse Voltage (V)
t - Pulse Duration (s)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-201AD
1.0 (25.4) MIN. 0.210 (5.3) 0.190 (4.8) DIA.
0.375 (9.5) 0.285 (7.2)
1.0 (25.4) MIN. 0.052 (1.32) 0.048 (1.22) DIA.
Document Number: 88526 Revision: 20-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 157
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 1N5820-E354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X