Part Number Hot Search : 
FLU10XM MBF170 Z0410DE V15G02 2SD21 93C86 LTC1514 TC494
Product Description
Full Text Search
 

To Download 15KE36CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
1.5KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 6.8 TO 550 Volts 1500 Watt Peak Power 5.0 Watt Steady State
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated chip junction in Molded Plastic package * 1500W surge capability at 1ms * Excellent clamping capability * Low zener inpedance * Fast response time: typically less than 1.0 ps from 0 volts to BV min. * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 250C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201 Molded plastic Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.045 ounces, 1.2 grams
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 1.5KE6.80 thru types 1.5KE550 (e.g. 1.5KE6.8C, 1.5KE550CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation at TA = 25 C, TP = 1ms
(NOTE 1)
SYMBOL PPPM
IPPM
VALUE
Minimum 1500 SEE TABLE 1 6.5 200 -55 +175
UNITS
Watts Amps Watts Amps C
Peak Pulse Current of on 10/1000 s waveform (Note 1) Steady State Power Dissipation at TL = 75C Lead lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note 3) Operatings and Storage Temperature Range
PM(AV) IFSM
TJ, TSTG
NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES 1.5KE SERIES
Fig. 1 - Peak Pulse Power Rating Curve
100
Fig.2 - Pulse Derating Curve
100 87.5
PPPM-Peak Pulse Power (kW)
Peak Pulse Power (P ) PP or Current (IPP) Derating in Percentage,%
1.0s 10s 100s 1.0ms 10ms
75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
10
1
0.1
0.1s
td - Pulse Width (sec.)
TA - Ambient Temperature
Fig.3 - Pulse Waveform
150
Fig. 4 - Typical Junction Capacitance
10000
10000 Unidirectional Bidirectional
IPPM - Peak Pulse Current,% IRSM
tr = 10sec.
Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
1000
CJ - Capacitance (pF)
VR = 0 1000
50
10/1000sec.Waveform as defined by R.E.A.
100
VR = Rated Stand-off Voltage 100 f = 1MHz Vsig = 50mVp-p TJ = 25C
td
0 0 1.0 2.0 3.0 t - Time(ms) 3.0
4.0
10 4.0
1
10 5
1000
10 10
100
500
1000
VWM - Reverse Stand-Off Voltage (V)
Fig. 5 - Steady State Power Derating Curve
8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
25 50 75 100 125 150 175 200
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Use Only
200
PM(AV),Steady State Power Dissipation (W)
L=0.375" (9.5mm) Lead Lengths
Peak Forward Surge Current,Amperes
60Hz Resistive or Inductive Load
100
8.3ms Single Half Sine-Wave (JEDEC Method) TJ = TJ max,
10 1 10 100
00
Number of Cycles at 60 Hz
TL - Lead Temperature (C)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
1500 Watt TVS
UNI-POLAR BI-POLAR REVERSE STANDOFF VOLTAGE VRWM (V) 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00 408.00 434.00 450.00 459.00 467.00 MAXIMUM BREAKDOWN BREAKDOWN TEST CLAMPING VOLTAGE VOLTAGE CURRENT VOLTAGE @IPP VBR (V) VBR (V) (IT ) MIN. @ IT MAX. @ IT VC (V) mA 6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 418.00 456.00 485.00 503.50 513.00 522.50 7.14 7.88 8.61 9.50 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00 462.00 504.00 535.00 556.50 567.00 577.50 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 PEAK PULSE CURRENT IPP (A) 144.8 134.5 125.6 113.4 104.8 97.4 91.0 83.5 71.7 67.6 60.3 54.9 49.7 45.8 40.5 36.7 33.3 30.5 28.2 25.6 23.5 21.7 19.7 17.9 16.5 14.8 13.5 12.2 11.1 10.0 9.2 8.5 7.3 6.9 6.5 6.2 5.5 4.6 4.4 3.7 3.2 2.8 2.5 2.3 2.1 2.1 2.0 2.0 REVERSE LEAKAGE @ VRWM IR (A) 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
1.5KE6.8A 1.5KE7.5A 1.5KE8.2A 1.5KE9.1A 1.5KE10A 1.5KE11A 1.5KE12A 1.5KE13A 1.5KE15A 1.5KE16A 1.5KE18A 1.5KE20A 1.5KE22A 1.5KE24A 1.5KE27A 1.5KE30A 1.5KE33A 1.5KE36A 1.5KE39A 1.5KE43A 1.5KE47A 1.5KE51A 1.5KE56A 1.5KE62A 1.5KE68A 1.5KE75A 1.5KE82A 1.5KE91A 1.5KE100A 1.5KE110A 1.5KE120A 1.5KE130A 1.5KE150A 1.5KE160A 1.5KE170A 1.5KE180A 1.5KE200A 1.5KE220A 1.5KE250A 1.5KE300A 1.5KE350A 1.5KE400A 1.5KE440A 1.5KE480A 1.5KE510A 1.5KE530A 1.5KE540A 1.5KE550A
1.5KE6.8CA 1.5KE7.5CA 1.5KE8.2CA 1.5KE9.1CA 1.5KE10CA 1.5KE11CA 1.5KE12CA 1.5KE13CA 1.5KE15CA 1.5KE16CA 1.5KE18CA 1.5KE20CA 1.5KE22CA 1.5KE24CA 1.5KE27CA 1.5KE30CA 1.5KE33CA 1.5KE36CA 1.5KE39CA 1.5KE43CA 1.5KE47CA 1.5KE51CA 1.5KE56CA 1.5KE62CA 1.5KE68CA 1.5KE75CA 1.5KE82CA 1.5KE91CA 1.5KE100CA 1.5KE110CA 1.5KE120CA 1.5KE130CA 1.5KE150CA 1.5KE160CA 1.5KE170CA 1.5KE180CA 1.5KE200CA 1.5KE220CA 1.5KE250CA 1.5KE300CA 1.5KE350CA 1.5KE400CA 1.5KE440CA 1.5KE480CA 1.5KE510CA 1.5KE530CA 1.5KE540CA 1.5KE550CA
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of 15KE36CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X