Part Number Hot Search : 
DCPC1460 FR157 CH16244 CH16244 PAM8202 ACS8530 A8259 IRF82
Product Description
Full Text Search
 

To Download 12SQ030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12SQ030 thru 12SQ100
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 12.0 Amperes R-6
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications .360(9.1) .340(8.6) 1.0(25.4) MIN
.052(1.3) DIA .048(1.2)
2100
.360(9.1) DIA .340(8.6)
MECHANICAL DATA
Case: JEDEC R-6 molded plastic Polarity: Color band denotes cathode Weight: 0.07 ounces , 2.1 grams Mounting position: Any
TC measurement point
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Tc=95
SYMBOL 12SQ030 12SQ035 12SQ040 12SQ045 12SQ050 12SQ060 12SQ080 12SQ100 UNIT VRRM VRMS VDC I(AV) 30 21 30 35 24.5 35 40 28 40 45 31.5 45 12 50 35 50 60 42 60 80 56 80 100 70 100 V V V A
Peak Forward Surge Current 8.3ms single half sinewave super imposed on rated load(JEDEC Method) Peak Forward Voltage at 12A DC(Note1) Maximum DC Reverse Current @Tj=25 at Rated DC Bolcking Voltage @Tj=100 Tyical Junction Capacitance (Note2) Tyical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us Pulse Width, 2%Duty Cycle.
IFSM VF IR CJ RJC TJ TSTG 0.55
275 0.7 0.5 50 450 3.0 -55 to+200 -55 to+200 0.8
A V mA pF /w
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. 3.Thermal Resistance Junction to case.
~ 220 ~
RATING AND CHARACTERTIC CURVES 12SQ030 thru 12SQ100
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 12.0 10.0 8.0 6.0 4.0 2.0 0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT AMPERES
FIG.2-MAXIMUM NON-REPETITVE SURGE 360 300 240 180 120 60 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz 8.3Single Half-Sine-Wave (JEDEC METOD)
25
50
75
100
125
150
175
200
CASE TEMPERATURE FIG.3-TYPICAL REVER CHARACTERISTICS 1000 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT,(mA)
12SQ030 - 12SQ035 INSTANTANEOUS FORWARD CURRENT(A) 100 12SQ040 12SQ045 10 12SQ050 - 12SQ060
10
TJ=100
1.0
TJ=75
1.0
TJ=25
12SQ080 - 12SQ100 TJ=25 PULSE WIDTH 300US 2%DUTY CYCLE
0.1
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.2
INSTANTANEOUS FORWARD VOLTAGE
FIG.5-TYPICAL JUNCTION CAPACITANCE 1000
CAPACITANCE,(pF)
100
TJ=25 f=1MHZ 10 0.1 10 1 4 REVERSE VOLTAGE VOLTS 100
~ 221 ~


▲Up To Search▲   

 
Price & Availability of 12SQ030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X