Part Number Hot Search : 
30NS04 2SB16941 N4002 0882P KBU608 VCT73 PB1000G KBJ410G
Product Description
Full Text Search
 

To Download Y1187150K000A0L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E102
Vishay Foil Resistors
High Precision Bulk Metal(R) Foil Extended Value Range Resistor, with TCR of 2 ppm/C, Tolerance to 0.005 %, and Power Rated at 0.6 W
FEATURES
* Temperature coefficient of resistance (TCR): - 55 C to + 125 C, + 25 C ref. 2 ppm/C typical * Rated power: to 0.3 W at + 125 C * Tolerance: 0.005 % * Load life stability: to 0.005 % at 70 C, 2000 h at rated power * Resistance range: 150 k to 300 k (higher and lower values of resistance are available) * Electrostatic discharge (ESD) above 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient < 0.1 ppm/V * Low inductance: < 0.08 H typical * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy * Matched sets are available on request (TCR tracking: to 0.5 ppm/C) * For better TCR and PCR performances please review the E102Z datasheet
Any value available within resistance range Bulk Metal(R) foil (BMF) technology outperforms all other resistor technologies available today for applications that require high precision and high stability. This technology has been pioneered and developed by VISHAY, and products based on this technology are the most suitable for a wide range of applications. BMF technology allows us to produce customer orientated products, designed to satisfy challenging and specific technical requirements. The E102C (0.150" lead spacing) and E102J (0.200" lead spacing) extends the range of the high precision aerospace and instrumentation standard S102C/J from 150K to 300K. Our application engineering department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
FIGURE 1 - TYPICAL TCR CURVE
+ 150 + 100
FIGURE 2 - POWER DERATING CURVE
200 % - 55 C + 70 C
Percent of Rated Power at + 125 C
Double Rated Power
175 % 150 % 125 % 100 % 75 % 50 % 25 % 0 - 75 - 50 - 25
R
+ 50 0 - 50
R (ppm)
Rated Power
- 100 - 150 - 200 - 50 - 55 - 25 0 + 20 + 50 + 75 + 100 + 125
2 ppm/C (+ 25 C Reference)
Ambient Temperature (C)
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (C)
TABLE 1 - E102 SPECIFICATIONS
Stability Load life at 2000 h Load life at 10 000 h Current Noise High Frequency Operation Rise time Inductance (L) Capacitance (C) Voltage Coefficient Thermal EMF Document Number: 63066 Revision: 27-Feb-08 0.005 % maximum R at 0.1 W/+ 70 C 0.015 % maximum R at 0.3 W/+ 125 C 0.01 % maximum R at 0.05 W/+ 125 C 0.05 % maximum R at 0.3 W/+ 125 C < - 40 dB 1.0 ns 0.1 H maximum; 0.08 H typical 1.0 pF maximum; 0.5 pF typical < 0.1 ppm/V 0.1 V/C maximum; 0.05 V/C typical For any questions, contact: foil@vishay.com www.vishay.com 1
E102
Vishay Foil Resistors High Precision Bulk Metal(R) Foil Extended Value Range
Resistor, with TCR of 2 ppm/C, Tolerance to 0.005 %, and Power Rated at 0.6 W
FIGURE 3 - TRIMMING TO VALUES (Conceptual Illustration) FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
Front View 0.365 (9.27) Date Code VISHAY XXXX E102J 0.020 (0.51) 0.235 (5.97) Rear View Optional Customer P/N Print spec., etc. if required XXXXXX 200K00 0.01 % Resistance Value Code Tolerance 0.075 (1.91) Min. Model Number 0.200 (5.08) o 0.025 (0.64) #22 AWG Lead Material - Solder Coated Copper
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
0.380 (9.65)
Mutual Inductance Reduction due to Opposing Current in Adjacent Lines
Note: Foil shown in black, etched spaces in white
Tolerance: 0.010 (0.25) E102C, E102K lead spacing = 0.150" (3.81) E102J, E102L lead spacing = 0.200" (5.08) The E102C, E102J use the S102C series chip. The E102K, E102L use the S102K series chip. (numbers in parentheses indicate millimeters).
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1186150K000T9L (preferred part number format) DENOTES PRECISION Y VALUE K = k AER* 0 = standard part, tin/lead termination 9 = standard part, lead (Pb)-free termination 1 - 999 = custom
Y
1
1
8
6
1
5
0
K
0
0
0
T
9
L
PRODUCT CODE 1186 = E102C 1184 = E102J 1187 = E102K 1185 = E102L
RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 %
PACKAGING L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1186 150K000 T 9 L: TYPE: E102C VALUE: 150.0 k ABSOLUTE TOLERANCE: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: bulk pack HISTORICAL PART NUMBER: E102C T 150K00 T B (will continue to be used) E102C MODEL E102C E102J E102K E102L T TERMINATION T = lead (Pb)-free None = tin/lead alloy 150K00 OHMIC VALUE 150K00 = 150.0 k T RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % B PACKAGING B = bulk pack
Note * Application engineering release: for non-standard requests, please contact application engineering.
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63066 Revision: 27-Feb-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Y1187150K000A0L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X