Part Number Hot Search : 
GDR10 40004 IRFI5210 BC154 MCM36200 P000069 T2180 CXA2108
Product Description
Full Text Search
 

To Download UCLAMP1211P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ClampTM 1-Line ESD protection
PROTECTION PRODUCTS - MicroClampTM Description
The Clamp series of TVS arrays are designed to protect sensitive electronics from damage or latch-up due to ESD. It is designed to replace multilayer varistors (MLVs) in portable applications. It features large crosssectional area junctions for conducting high transient currents. It offers superior electrical characteristics such as lower clamping voltage and no device degradation when compared to MLVs. They offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation.
TM
UCLAMP1211P
Features
Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (tp = 5/50ns) Cable Discharge Event (CDE) Ultra-small package (1.0 x 0.6 x 0.5mm) Protects one I/O or power line Low clamping voltage Working voltage: 12V Low leakage current Solid-state silicon-avalanche technology
Mechanical Characteristics
The Clamp 1211P is in a 2-pin, RoHS/WEEE compliant, SLP1006P2 package. It measures 1.0 x 0.6 x 0.5mm. The leads are spaced at a pitch of 0.65mm and are finished with lead-free NiPdAu. Each device will protect one bidirectional line operating at 12 volts. It gives the designer the flexibility to protect single lines in applications where arrays are not practical. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV contact discharge). The combination of small size and high ESD surge capability makes them ideal for use in portable applications such as cellular phones, digital cameras, and MP3 players.
TM
SLP1006P2 package Molding compound flammability rating: UL 94V-0 Marking : Marking code Packaging : Tape and Reel Lead Finish: NiPdAu RoHS/WEEE Compliant
Applications
Cellular Handsets & Accessories Cordless Phones Personal Digital Assistants (PDAs) Notebooks & Handhelds Portable Instrumentation Digital Cameras Peripherals MP3 Players
Dimensions
1.0 0.60 0.65
Schematic & PIN Configuration
0.50
Maximum Dimensions (mm)
Revision 08/23/2007 1
SLP1006P2 (Bottom View)
www.semtech.com
UCLAMP1211P
PROTECTION PRODUCTS Absolute Maximum Rating
R ating Peak Pulse Power (tp = 8/20s) Peak Pulse Current (tp = 8/20s) ESD p er IEC 61000-4-2 (Air) ESD p er IEC 61000-4-2 (Contact) Op erating Temp erature Storage Temp erature Symbol Pp k Ip p VESD TJ TSTG Value 200 7 15 8 -55 to +125 -55 to +150 Units Watts Amps kV C C
Electrical Characteristics (T=25oC)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance Symbol VRWM V BR IR VC VC Cj It = 1mA VRWM = 12V, T=25C IPP = 1A, tp = 8/20s IPP = 7A, tp = 8/20s VR = 0V, f = 1MHz 13.3 1 19 28.5 25 Conditions Minimum Typical Maximum 12 Units V V A V V pF
2007 Semtech Corp.
2
www.semtech.com
UCLAMP1211P
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10 Peak Pulse Power - Ppk (kW)
110 100 90 % of Rated Power or I PP 80 70 60 50 40 30 20 10 0
Power Derating Curve
1
0.1
0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
Clamping Voltage vs. Peak Pulse Current
30 25 Clamping Voltage - VC (V) 20 15 10 5 0 0 1 2 3 4 5 Peak Pulse Current - IPP (A) 6 7 8
Waveform Parameters: tr = 8s td = 20s
Normalized Junction Capacitance vs. Reverse Voltage
1.1 1 0.9 0.8 CJ(VR) / CJ(VR=0) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 1 2 3 Reverse Voltage - VR (V) 4 5
f = 1 MHz
Insertion Loss (S21)
CH1 S21 LOG 6 dB / REF 0 dB 1: -3.0028 dB 334MHz 0 dB
4
ESD Clamping (8kV Contact per IEC 61000-4-2)
2: -11.453 dB 900 MHz 3: -17.015 dB 1.8 GHz
3 1
-6 dB -12 dB -18 dB
2
4: -10.370 dB 2.5 GHz
-24 dB -30 dB -36 dB -42 dB -48 dB 1 MHz START . 030 MHz 10 MHz 100 MHz 3 1 GHz GHz . STOP 3000 000000 MHz
Note: Data is taken with a 10x attenuator 3 www.semtech.com
2007 Semtech Corp.
UCLAMP1211P
PROTECTION PRODUCTS Applications Information
Device Connection Options This TVS diode is designed to protect one data, I/O, or power supply line. The device is bidirectional and may be used on lines where the signal polarity can go above and below ground. The device is symmetrical, and therefore, the orientation of the device is not critical. Circuit Board Layout Recommendations for Suppression of ESD. Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: Place the TVS near the input terminals or connectors to restrict transient coupling. Minimize the path length between the TVS and the protected line. Minimize all conductive loops including power and ground loops. The ESD transient return path to ground should be kept as short as possible. Never run critical signals near board edges. Use ground planes whenever possible. Circuit Diagram
2007 Semtech Corp.
4
www.semtech.com
UCLAMP1211P
PROTECTION PRODUCTS Applications Information - Spice Model
UCLAMP1211P Spice Model
Table 1 - Clamp1211P Spice Parameters Parameter IS BV VJ RS IB V CJO TT M N EG Unit Amp Volt Volt Ohm Amp Farad sec --eV D1 (T VS) 1.48E-14 15.5 0.7 0.721 1E-3 10E-12 2.541E-9 0.201 1.1 1.11 D2 (T VS) 1.48E-14 15.5 0.7 0.721 1E-3 10E-12 2.541E-9 0.201 1.1 1.11
2007 Semtech Corp.
5
www.semtech.com
UCLAMP1211P
PROTECTION PRODUCTS Outline Drawing - SLP1006P2
B
A
D
E
DIMENSIONS INCHES MILLIMETERS DIM MIN NOM MAX MIN NOM MAX
A A1 b D E e L R N aaa bbb .016 .020 .022 .000 .001 .002 .018 .020 .022 .035 .039 .043 .020 .024 .028 .026 BSC .008 .010 .012 .002 .004 .006 2 .003 .004 0.40 0.50 0.55 0.00 0.03 0.05 0.45 0.50 0.55 0.90 1.00 1.10 0.50 0.60 0.70 0.65 BSC 0.20 0.25 0.30 0.05 0.10 0.15 2 0.08 0.10
TOP VIEW
A aaa C A1 PIN 1 ID R bxN bbb CAB 2x L e C
SEATING PLANE
BOTTOM VIEW NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
Land Pattern - SLP1006P2
Y (C) G Z
DIMENSIONS DIM C G X Y Z INCHES (.033) .012 .024 .022 .055 MILLIMETERS (0.85) 0.30 0.60 0.55 1.40
X
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
2007 Semtech Corp.
6
www.semtech.com
UCLAMP1211P
PROTECTION PRODUCTS Marking Code Ordering Information
Part Number uClamp 1211P.TCT Working Voltage 12V Device Qty per Marking Reel S 3,000 Reel Size 7 Inch
S
PIN 1 ID
Tape and Reel Specification
MicroClamp, uClamp and Clamp are marks of Semtech Corporation
A0 0.69 +/-0.10 mm
B0 1.19 +/-0.10 mm
K0 0.66 +/-0.10 mm
Tape Width
B, (Max)
D 1.5 + 0.1 mm - 0.0 mm (0.59 +.005 - .000)
D1
E 1.750.10 mm (.069.004)
F
P 4.00.10 mm (.157.004)
P0 4.00.1 mm (.157.004)
P2
T
W 8.0 mm + 0.3 mm - 0.1 mm (.312.012)
8 mm
4.2 mm (.165)
0.4 mm 0.25 (.031)
3.50.05 mm (.138.002)
2.00.05 mm (.079.002)
0.2540.02 mm (.016)
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
www.semtech.com
2007 Semtech Corp.
7


▲Up To Search▲   

 
Price & Availability of UCLAMP1211P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X