Part Number Hot Search : 
B1010 SLE4436C HIROSE E35018 2108A 7972SSM SBL3045C AMS302T
Product Description
Full Text Search
 

To Download TIP41A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220C package Complement to type TIP42/42A/42B/42C APPLICATIONS For medium power linear switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP41/41A/41B/41C
Absolute maximum ratings(Tc=25ae )
SYMBOL
VCBO
Collector-base voltage

PARAMETER
CONDITIONS
TIP41 TIP41A TIP41B
VCEO
CHA IN
E SEM NG
TIP41C TIP41 TIP41A Open base TIP41B TIP41C
Open emitter
CON I
DUC
VALUE 40
TOR
60 80 100 40 60
UNIT
V
Collector-emitter voltage
V 80 100
VEBO IC ICM IB PC Tj Tstg
Emitter-base voltage Collector current (DC) Collector current-Pulse Base current
Open collector
5 6 10 2
V A A A W
TC=25ae Collector power dissipation Ta=25ae Junction temperature Storage temperature
65 2 150 -65~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER TIP41 TIP41A VCEO(SUS) Collector-emitter sustaining voltage TIP41B TIP41C VCEsat VBE Collector-emitter saturation voltage Base-emitter on voltage TIP41 TIP41A ICES Collector cut-off current IC=6A; IB=0.6A IC=6A ; VCE=4V VCE=40V; VEB=0 VCE=60V; VEB=0 VCE=80V; VEB=0 IC=30mA; IB=0 CONDITIONS
TIP41/41A/41B/41C
SYMBOL
MIN 40 60
TYP.
MAX
UNIT
V 80 100 1.5 2.0 V V
ICEO IEBO hFE-1 hFE-2 fT

TIP41B TIP41C
IN
Collector cut-off current
ANG CH
TIP41/41A
MIC E SE
VCE=100V; VEB=0 VCE=30V; IB=0 VCE=60V; IB=0 VEB=5V; IC=0 IC=0.3A ; VCE=4V IC=3A ; VCE=4V IC=0.5A ; VCE=10V
DUC ON
TOR
0.4 0.7
mA
mA
TIP41B/41C
Emitter cut-off current DC current gain DC current gain Transiton frequency
1.0 30 15 3 75
mA
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
TIP41/41A/41B/41C

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
TIP41/41A/41B/41C

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of TIP41A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X