Part Number Hot Search : 
C2020 ADM2485 U232C YBANU EDZ16 39525 30PUB60 LJFC820F
Product Description
Full Text Search
 

To Download TIP29A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
TIP29A
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 60V(Min) *Collector-Emitter Saturation Voltage: VCE(sat) = 0.7V(Max.)@IC= 1.0A *Complement to Type TIP30A APPLICATIONS *Designed for use in general purpose amplifier and switching applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Pulse Base Current Collector Power Dissipation TC=25 Junction Temperature Storage Ttemperature Range VALUE 60 60 5 1 3 0.4 30 150 -65~150 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 4.17 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
TIP29A
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA; IB= 0
60
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.125A
0.7
V
VBE(on)
Base-Emitter On Voltage
IC= 1A; VCE= 4V
1.3
V
ICES
Collector Cutoff Current
VCE= 60V; VEB= 0
0.2
mA
ICEO
Collector Cutoff Current
VCE= 30V; IB= 0
0.3
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 0.2A; VCE= 4V
40
hFE-2
DC Current Gain
IC= 1A; VCE= 4V
15
75
fT
Current-Gain--Bandwidth Product
IC= 0.2A ; VCE= 10V; f= 1MHz
3
MHz
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP29A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X