Part Number Hot Search : 
S8050D TIC246 1N5360BG TC5514 74F825 E37516M6 0LVEL N101C
Product Description
Full Text Search
 

To Download TCMBR2060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R)
PRELIMINARY DATASHEET
20A SCHOTTKY BARRIER DIODE
2
Specification Features:
High Switching Speed Device High Current, Low Forward Voltage Drop Low Power Loss and High Efficiency Guard Ring for Over-voltage Protection High Surge Capability RoHS Compliant Matte Tin(Sn) Lead Finish Terminal Leads Surface is Corrosion Resistant and can withstand to 260C Wave Soldering or per MIL-STD-750, Method 2026.
(1) Anode (2) & (3) Cathode 1 3 2
TO-220AC
POLARITY CONFIGURATION DEVICE MARKING DESIGNATION: Line 1 = Device Name Line 2 = Datecode Line 3 = Polarity
MAXIMUM RATINGS
Symbol VRRM VRWM VR IF(AV) IFSM TSTG TJ Parameter Maximum Repetitive Reverse Voltage Working Peak Reverse Voltage Maximum DC Reverse Voltage Average Rectified Forward Current Peak Forward Surge Current, 8.3mS Single Phase @ Rated Load Storage Temperature Range Operating Junction Temperature Value 60 20 ? -65 to +175 +175 Units V A A C C
These ratings are limiting values above which the serviceability of the diode may be impaired.
THERMAL CHARACTERISTIC
Symbol Parameter Maximum Thermal Resistance, RJC 2 Junction-to-Case TA = 25C unless otherwise noted Limits Min ----Max 1mA 0.750 A V Units C/W Value Units
ELECTRICAL CHARACTERISTICS
Symbol IR VF
Note/s: 1.
Parameter Reverse Current Forward Voltage
Test Condition
(Note 1)
@ rated VR 20A
Tested under pulse condition of 300S.
November 2006 Release, Revision A Page 1
TCMBR2060
High Current Schottky Rectifier
TAK CHEONG
TO220 PACKAGE OUTLINE
(R)
PRELIMINARY DATASHEET
DIM MIN A A1 A2 b b2 c D e e1 E H1 L L1 L2 OP Q
INCHES MAX 0.190 0.055 0.115 0.040 0.070 0.024 0.650 0.104 0.204 0.420 0.270 0.580 0.250 0.070 0.161 0.135 0.140 0.020 0.080 0.015 0.045 0.014 0.560 0.096 0.196 0.380 0.230 0.500 ----0.139 0.100
MILLIMETERS MIN 3.56 0.51 2.03 0.38 1.14 0.36 14.22 2.44 4.98 9.65 5.84 12.70 ----3.53 2.54 MAX 4.83 1.40 2.92 1.02 1.78 0.61 16.51 2.64 5.18 10.67 6.86 14.73 6.35 1.79 4.09 3.43
NOTE: Above package outline conforms to JEDEC TO-220AC.
This datasheet presents technical data of Tak Cheong's Schottky Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006 Release, Revision A Page 2


▲Up To Search▲   

 
Price & Availability of TCMBR2060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X