Part Number Hot Search : 
107K006 SPN8878B MOCD211 DA120 HL6367DG 3329S100 CDBD1530 BMA250
Product Description
Full Text Search
 

To Download T-13000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 BASE-T Transformers
16 Pin 50 mil Package See pg. 40, fig. 7 G16-50ML
High Isolation 2000Vrms Fast Rise Times Meets ECMA Requirements IEEE 802.3 Compatible (10BASE 2, 10BASE 5, & 10BASE T) Common Mode Choke Option Surface Mount Option with 16 Pin 100 mil versions
16 Pin 100 mil DIP/SMD Packages (Add G or J to P/N for SMD) See pg. 40, fig. 4, 5 & 6 D
T-14010 9752
G
J
Electrical Specifications at 25o C 100 mil 100 mil 50 mil 50 mil Part # Part # Part # Part # W/CMC W/CMC T-13010 T-13011 T-13000 T-13012 T-13001 T-13013 T-13014 T-13015 T-13016 T-13017 T-13018 T-13019 T-13020 T-13021 T-13022 T-13023 T-13024 T-13025 T-13026 T-13027 T-13028 T-13029 T-13030 T-13031 T-13032 T-13033 T-13034 T-13035 T-13036 T-13037 T-14810 T-14811 T-14800 T-14812 T-14801 T-14813 T-14814 T-14815 T-14816 T-14817 T-14818 T-14819 T-14820 T-14821 T-14822 T-14823 T-14824 T-14825 T-14826 T-14827 T-14828 T-14829 T-14830 T-14831 T-14832 T-14833 T-14834 T-14835 T-14836 T-14837 T-14010 T-14011 T-14012 T-14013 T-14014 T-14015 T-14024 T-14025 T-14026 T-14027 T-14028 T-14029 T-14030 T-14031 T-14032 T-14033 T-14034 T-14035 T-14036 T-14037 T-14038 T-14039 T-14040 T-14041 T-14042 T-14043 T-14044 T-14045 T-14046 T-14047 T-14910 T-14911 T-14912 T-14913 T-14914 T-14915 T-14924 T-14925 T-14926 T-14927 T-14928 T-14929 T-14930 T-14931 T-14932 T-14933 T-14934 T-14935 T-14936 T-14937 T-14938 T-14939 T-14940 T-14941 T-14942 T-14943 T-14944 T-14945 T-14946 T-14947
Turns Ratio +3% (1-3:16-14)/(6-8:11-9) 1CT:1CT/1CT:1CT 1CT:1CT/1CT:1CT 1CT:1CT/1CT:1CT 1CT:1CT/1CT:1CT 1CT:1CT/1CT:1CT 1CT:1CT/1CT:1CT 1CT:1CT/1CT:1.41CT 1CT:1CT/1CT:1.41CT 1CT:1CT/1CT:1.41CT 1CT:1CT/1CT:1.41CT 1CT:1CT/1CT:1.41CT 1CT:1CT/1CT:1.41CT 1CT:1.41CT/1CT:1.41CT 1CT:1.41CT/1CT:1.41CT 1CT:1.41CT/1CT:1.41CT 1CT:1.41CT/1CT:1.41CT 1CT:1.41CT/1CT:1.41CT 1CT:1.41CT/1CT:1.41CT 1CT:1CT/1CT:2CT 1CT:1CT/1CT:2CT 1CT:1CT/1CT:2CT 1CT:1CT/1CT:2CT 1CT:1CT/1CT:2CT 1CT:1CT/1CT:2CT 1CT:2CT/1CT:2CT 1CT:2CT/1CT:2CT 1CT:2CT/1CT:2CT 1CT:2CT/1CT:2CT 1CT:2CT/1CT:2CT 1CT:2CT/1CT:2CT
OCL TYP ( H ) 50 75 100 150 200 250 50 75 100 150 200 250 50 75 100 150 200 250 50 75 100 150 200 250 50 75 100 150 200 250
E-T min. ( VS) 2.1 2.3 2.7 3.0 3.5 3.5 2.1 2.3 2.7 3.0 3.5 3.5 2.1 2.3 2.7 3.0 3.5 3.5 2.1 2.3 2.7 3.0 3.5 3.5 2.1 2.3 2.7 3.0 3.5 3.5
Rise Time max. ( ns ) 3.0 3.0 3.5 3.5 3.5 3.5 3.0 3.0 3.5 3.5 3.5 3.5 3.0 3.0 3.5 3.5 3.5 3.5 3.0 3.0 3.5 3.5 3.5 3.5 3.0 3.0 3.5 3.5 3.5 3.5
Pri. / Sec. CW/Wmax. ( pF ) 9 10 10 12 15 15 9 10 10 12 15 15 9 10 10 12 15 15 9 10 10 12 15 15 9 10 10 12 15 15
L L max. ( H ) .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45
DCRP max. () .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45 .20 .25 .30 .35 .40 .45
1
16 15 14
SMD versions available on Tape & Reel
2
16 Pin Dual CT Schematic
16 Pin Dual CT Schematic with Common Mode Choke
3
6 7 8
11 10 9
Specifications subject to change without notice.
For other values & Custom Designs, contact factory.
10BASET2 - 8/97
Rhombus Industries Inc.
26
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 * Fax: (714) 896-0971
Package Physical Dimensions in inches (mm)
Auto-Insertable DIPs
Table P-1
Low Profile DIP Style Packages
Package Number Pins L Length Max. H Height Max.
D6 D8-L D14-L D16-L
6 8 14 16
0.315 (8.00) 0.505 (12.83) 0.785 (19.94) 0.885 (22.48)
0.230 (5.84) 0.205 (5.21) 0.205 (5.21) 0.205 (5.21)
Figure. 4
Gullwing Style SMD (Per Data Sheet, May Require "G" suffix to P/N)
Tape & Reel is available for surface mount packages, contact the factory for information. Table P-2 Low Profile Gullwing Style Packages
Package Number Pins L Length Max. H Height Max.
G8-L G14-L G16-L
Figure. 5
8 14 16
0.505 (12.83) 0.785 (19.94) 0.885 (22.48)
0.205 (5.21) 0.205 (5.21) 0.205 (5.21)
J - Bend Style SMD (May Require "J" suffix to P/N)
Table P-3
Low Profile "J"-Bend Style Packages
Package Number Pins L Length Max. H Height Max.
J8-L J14-L J16-L
Figure. 6
8 14 16
0.505 (12.83) 0.785 (19.94) 0.885 (19.94)
0.215 (5.46) 0.215 (5.46) 0.215 (5.46)
50 mil Gullwing Style 16-Pin SMD
Tape & Reel Available
Figure. 7 For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
Rhombus Industries Inc.
40
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 * Fax: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of T-13000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X