Part Number Hot Search : 
C5001 MRF19090 WCF10C60 SK310 MC2850 SAM3S4B RN47A7JE 980MR2C
Product Description
Full Text Search
 

To Download STP8NM60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD8NM60N - STD8NM60N-1 STF8NM60N - STP8NM60N
N-channel 600 V - 0.56 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmeshTM Power MOSFET
Features
Type STD8NM60N STD8NM60N-1 STF8NM60N STP8NM60N VDSS (@Tjmax) 650 V 650 V 650 V 650 V RDS(on) max <0.65 <0.65 <0.65 <0.65 ID
3
3 2 1
1 2
7A 7A 7 A(1) 7A
IPAK
TO-220
1. Limited only by maximum temperature allowed
3 1
1 3 2
100% avalanche tested Low input capacitance and gate charge Low gate input resistance
DPAK
TO-220FP
Application
Figure 1.
Internal schematic diagram
Switching applications
Description
This series of devices implements second generation MDmeshTM technology. This revolutionary Power MOSFET associates a new vertical structure to the Company's strip layout to yield one of the world's lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters.
Table 1.
Device summary
Marking D8NM60N D8NM60N-1 F8NM60N P8NM60N Package DPAK IPAK TO-220FP TO-220 Packaging Tape & reel Tube Tube Tube
Order code STD8NM60N STD8NM60N-1 STF8NM60N STP8NM60N
January 2008
Rev 2
1/17
www.st.com 17
Contents
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Electrical ratings
1
Electrical ratings
Table 2.
Symbol
Absolute maximum ratings
Value Parameter TO-220 DPAK/IPAK 600 25 7 4.3 28 70 -15 -55 to 150 7 (1) 4.3 (1) 28 (1) 25 2500 Unit TO-220FP V V A A A W V V/ns C
VDS VGS ID ID IDM (2) PTOT VISO dv/dt (3) Tj Tstg
Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s;TC = 25 C) Peak diode recovery voltage slope Operating junction temperature Storage temperature
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 7A, di/dt 400A/s, VDD = 80% V(BR)DSS
Table 3.
Symbol
Thermal data
Value Parameter TO-220 DPAK/IPAK 1.78 62.5 300 Unit TO-220FP 5 C/W C/W C
Rthj-case Rthj-amb Tl
Thermal resistance junction-case Thermal resistance junction-amb Maximum lead temperature for soldering purpose
Table 4.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj = 25 C, ID = IAS, VDD = 50 V) Max value 2.5 200 Unit A mJ
3/17
Electrical characteristics
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
2
Electrical characteristics
(TCASE=25 C unless otherwise specified) Table 5.
Symbol V(BR)DSS dv/dt(1)
On/off states
Parameter Drain-source breakdown voltage Drain-source voltage slope Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1 mA, VGS = 0 VDD = 480 V, ID = 7 A, VGS =10 V VDS = Max rating, VDS = Max rating,Tc = 125 C VGS = 20 V VDS = VGS, ID = 250 A VGS = 10V, ID = 3.5 A 2 3 0.56 Min. 600 38 1 100 100 4 0.65 Typ. Max. Unit V V/ns A A nA V
IDSS IGSS VGS(th) RDS(on)
1.
Characteristics value at turn off on inductive load
Table 6.
Symbol gfs(1) Ciss Coss Crss Coss eq.(2)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Gate input resistance Test conditions VDS = 15 V, ID= 3.5 A Min. Typ. Max. 15 560 37 2 153 Unit S pF pF pF pF
VDS = 50 V, f = 1 MHz, VGS = 0
VGS = 0, VDS = 0 to 480 V f = 1 MHz Gate DC Bias = 0 Test Signal Level = 20 mV Open Drain VDD = 480 V, ID = 7 A VGS = 10 V (see Figure 19)
RG Qg Qgs Qgd
1.
6
Total gate charge Gate-source charge Gate-drain charge
19 3 10
nC nC nC
Pulsed: pulse duration = 300s, duty cycle 1.5%
2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Electrical characteristics
Table 7.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD = 300 V, ID = 3.5 A, RG = 4.7 , VGS = 10 V (see Figure 18), (see Figure 23) Min. Typ. 10 12 40 10 Max. Unit ns ns ns ns
Table 8.
Symbol ISD ISDM (1) VSD(2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 7 A, VGS = 0 ISD = 7 A, di/dt = 100 A/s, VDD = 30 V, Tj = 25 C (see Figure 20) ISD = 7A, di/dt = 100 A/s, VDD = 30 V, Tj=150C (see Figure 20) 310 2.40 15 480 3.50 15 Test conditions Min. Typ. Max. 7 28 1.3 Unit A A V ns C A ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration = 300s, duty cycle 1.5%
5/17
Electrical characteristics
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220 Figure 3. Thermal impedance for TO-220
Figure 4.
Safe operating area for DPAK / IPAK Figure 5.
Thermal impedance for DPAK /IPAK
Figure 6.
Safe operating area for TO-220FP
Figure 7.
Thermal impedance for TO-220FP
6/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N Figure 8. Output characteristics Figure 9.
Electrical characteristics Transfer characteristics
Figure 10. Transconductance
Figure 11. Static-drain source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
7/17
Electrical characteristics
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N Figure 15. Normalized on resistance vs temperature
Figure 14. Normalized gate threshold voltage vs temperature
Figure 16. Source-drain diode forward characteristics
Figure 17. Normalized BVDSS vs temperature
8/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Test circuit
3
Test circuit
Figure 19. Gate charge test circuit
Figure 18. Switching times test circuit for resistive load
Figure 20. Test circuit for inductive load Figure 21. Unclamped inductive load test switching and diode recovery times circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
9/17
Package mechanical data
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
11/17
Package mechanical data
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/17
G
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Package mechanical data
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
13/17
Package mechanical data
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch
0068772-F
14/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Packaging mechanical data
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
15/17
Revision history
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
6
Revision history
Table 9.
Date 29-Aug-2007 07-Jan-2008
Document revision history
Revision 1 2 First release IDSS value has been corrected on Table 5: On/off states Changes
16/17
STD8NM60N - STD8NM60N-1 - STF8NM60N - STP8NM60N
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of STP8NM60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X