Part Number Hot Search : 
BR1060CT SMN7105 1N4936GP LC87F BDX53BG AP430 AAT250 AP430
Product Description
Full Text Search
 

To Download STP8NK80Z07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP8NK80Z - STP8NK80ZFP STW8NK80Z
N-channel 800V - 1.3 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESHTM Power MOSFET
Features
Type STP8NK80Z STP8NK80ZFP STW8NK80Z

VDSS 800 V 800 V 800 V
RDS(on) < 1.5 < 1.5 < 1.5
ID 6.2 A 6.2 A 6.2 A TO-220
1 2 3
TO-220FP
Extremely high dv/dt capability 100% avalanche tested Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeatability
TO-247
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
Figure 1.
Internal schematic diagram
Application
Switching applications
Table 1.
Device summary
Marking P8NK80Z P8NK80ZFP W8NK80Z Package TO-220 TO-220FP TO-247 Packaging Tube Tube Tube
Order codes STP8NK80Z STP8NK80ZFP STW8NK80Z
July 2007
Rev 5
1/15
www.st.com 15
Contents
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/15
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VGS ID ID IDM (2) PTOT
Absolute maximum ratings
Value Parameter TO-220 - TO-247 Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor 6.2 3.9 24.8 140 1.12 4000 4.5 2500 800 30 6.2 3.9
(1) (1)
Unit TO-220FP V V A A A W W/C V V/ns V
24.8(1) 30 0.24
VESD(G-S) Gate source ESD(HBM-C=100pF, R=1.5K) dv/dt (3) VISO Tj Tstg Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s; Tc= 25C) Max operating Junction temperature Storage temperature
-55 to 150
C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 6.2 A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX.
Table 3.
Symbol Rthj-case Rthj-amb Tl
Thermal data
Value Parameter TO-220 Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose 0.89 62.5 300 TO-220FP 4.2 TO-247 0.89 50 C/W C/W C Unit
Table 4.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or notrepetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25C, Id=Iar, Vdd=50V) Value 6.2 300 Unit A mJ
3/15
Electrical characteristics
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source Breakdown voltage Zero gate voltage Drain current (VGS = 0) Gate-body leakage Current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID =1mA, VGS = 0 VDS = Max rating VDS = Max rating, @125C VGS = 20 V VDS = VGS, ID = 100 A VGS = 10 V, ID = 3.1 A 3 3.75 1.3 Min. 800 1 50 10 4.5 1.5 Typ. Max. Unit V A A A V
Table 6.
Symbol gfs (1) Ciss Coss Crss
Dynamic
Parameter Forward transconductance Test conditions VDS = 15v, ID = 3.1 A Min. Typ. 5.2 1320 143 27 58 17 30 48 28 46 8.5 25 9 9 18 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC ns ns ns
Input capacitance VDS = 25 V, f = 1 MHz, Output capacitance Reverse transfer capacitance VGS = 0 VDS =0V, VDS = 0V to 640V VDD = 400 V, ID = 3.1 A, RG = 4.7 , VGS = 10 V (see Figure 21)
Coss eq. (2) Equivalent output capacitance td(on) tr tr(off) tr Qg Qgs Qgd tr(Voff) tr tc Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Off-voltage rise time Fall time Cross-over time
VDD = 640 V, ID = 6.2 A, VGS = 10 V VDD = 640 V, ID = 6.2 A, RG = 4.7 , VGS = 10 V (see Figure 23)
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
4/15
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Electrical characteristics
Table 7.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 6.2 A, VGS = 0 ISD = 6.2 A, di/dt = 100 A/s VDD = 50 V, Tj = 150C (see Figure 23) 460 2990 13 Test conditions Min. Typ. Max. 6.2 24.8 1.6 Unit A A V ns nC A
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Pulse width limited by safe operating area
Table 8.
Symbol BVGSO(1)
Gate-source zener diode
Parameter Test conditions Min. 30 Typ. Max. Unit V
Gate-source breakdown voltage Igs= 1mA (Open Drain)
1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
5/15
Electrical characteristics
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220 Figure 3. Thermal impedance for TO-220
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
6/15
STP8NK80Z - STP8NK80ZFP - STW8NK80Z Figure 8. Output characteristics Figure 9.
Electrical characteristics Transfer characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
7/15
Electrical characteristics Figure 14. Normalized gate threshold voltage vs temperature
STP8NK80Z - STP8NK80ZFP - STW8NK80Z Figure 15. Normalized on resistance vs temperature
Figure 16. Source-drain diode forward characteristic
Figure 17. Normalized BVDSS vs temperature
Figure 18. Maximum avalanche energy vs temperature
8/15
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Test circuit
3
Test circuit
Figure 20. Unclamped inductive waveform
Figure 19. Unclamped inductive load test circuit
Figure 21. Switching times test circuit for resistive load
Figure 22. Gate charge test circuit
Figure 23. Test circuit for inductive load switching and diode recovery times
9/15
Package mechanical data
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/15
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
11/15
Package mechanical data
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
12/15
G
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Package mechanical data
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
13/15
Revision history
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
5
Revision history
Table 9.
Date 09-Sep-2004 17-Aug-2006 20-Apr-2007 02-Jul-2007
Revision history
Revision 2 3 4 5 Complete version New template, no content change Typo errors on Table 6 Table 2 has been updated Changes
14/15
STP8NK80Z - STP8NK80ZFP - STW8NK80Z
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of STP8NK80Z07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X