Part Number Hot Search : 
LX100M3 LX100M3 53634 MUN5235 LX100M3 53634 RLZ36 BD414
Product Description
Full Text Search
 

To Download STN2222S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STN2222S
NPN Silicon Transistor
Description
* General purpose application * Switching application
Features
* Large collector current * Low collector saturation voltage * Complementary pair with STN2907S
Ordering Information
Type NO. STN2222S Marking HA Package Code SOT-23
Outline Dimensions
2.40.1 1.300.1
unit : mm
1
1.90 Typ.
3 2
0.4 Typ. 0.45~0.60
0.2 Min.
2.90.1
1.12 Max.
0~0.1
KST-2055-001
0.124
PIN Connections 1. Base 2. Emitter 3. Collector
0.38
-0.03 +0.05
1
STN2222S
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature * : Package mounted on 99.5% Alumina 10x8x0.1
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC
*
Ratings
60 30 5 600 350 150 -55~150
Unit
V V V mA mW C C
Tj Tstg
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob
Test Condition
IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VCE=10V, IC=10mA IC=150mA, IB=15mA VCE=20V, IC=20mA VCB=10V, IE=0, f=1MHz
Min. Typ. Max.
60 30 5 75 250 6.0 0.4 10
Unit
V V V nA V MHz pF
KST-2055-001
2
STN2222S
Electrical Characteristic Curves
Fig. 1 Pc - Ta Fig. 2 IC - VBE
Fig. 3 IC - VCE
Fig. 4 VCE(SAT) - IC
Fig. 5 hFE - IC
KST-2055-001
3


▲Up To Search▲   

 
Price & Availability of STN2222S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X