Part Number Hot Search : 
89025 02VQ44 1N2483 CY7C137 EE08809 MBT2369 DTC115E NJM2370
Product Description
Full Text Search
 

To Download SR1045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
SR1020 --- SR1060
VOLTAGE RANGE: 20 --- 60 V CURRENT: 10 A
TO - 220AC
MECHANICAL DATA
Case:JEDEC TO--220AC,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.08 ounces,2.24 grams Mounting position: Any
(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR 1020
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current (See FIG.1) Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load TJ=125 Maximum instantaneous forw ard voltage @ 10A (Note1) Maximum reverse current @TA=25
SR 1030
30 21 30
SR 1035
35 25 35
SR 1040
40 28 40 10.0
SR 1045
45 32 45
SR 1050
50 35 50
SR 1060
60 42 60
UNITS
V V V A
VRRM VRMS VDC IF(AV)
20 14 20
IFSM VF IR RJC TJ TSTG
0.65
150.0
A
0.75 1.0
V mA
at rated DC blocking voltage @TA=100 Typical thermal resistance (Note2)
50.0 2.5 -55 --- + 125 -55--- + 150
25.0
Operating junction temperature range Storage temperature range
Note: 1. Pulse test:300us pulse width,1% duty cy cle. 2. Thermal resistance junction to case.
-55--- + 150
www.galaxycn.com
Document Number 0266013
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES AVERAGE FORWARD RECTIFIED CURRENT,AMPERES
SR1020 --- SR1060
FIG.2 -- PEAK FORWARD SURGE CURRENT
12
200 150 100 TJ=TJMAX 8.3ms Single Half Sine-Wave
SR1020 - SR1045
10 8 6 4 2 0 0 25 50 75 100
SR1050 - SR1060
Resistive or Inductive Load 0.375"(9.5mm) Lead Length
125 150 175 200
50 0 1 5 10 50 100
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT AMPERES
FORWARD CHARACTERISTICS
50
SR1020 - SR1045
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MILLIAMPERES
FIG.3 --TYPICAL INSTANTANEOUS
FIG.4--TYPICAL REVERSE CHARACTERISTICS
100
SR1050 - SR1060
10
10
T J=75
1 .0
1.0
TJ=25ae Pulse width=300 s 1% Duty Cycle
T J=25
0 .1
0.1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0 .0 1 0 20 40 60 80 100 120 140
1.2
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
www.galaxycn.com
Document Number 0266013
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SR1045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X