Part Number Hot Search : 
68HC90 0EX10 SAA5250 ADXRS 120F6 NCP603 BCR8PM 2SC2673
Product Description
Full Text Search
 

To Download SPA02A-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W DC-DC Regulated Single Output Converter
Features :
2:1 wide input range 4:1 wide input range (Option) 1000VDC I/O isolation 3000VDC I/O isolation (Option) Built-in remote ON/OFF control Built-in EMI filter
S PA 0 2
series
Protections: Short circuit / Overload Cooling by free air convection Single in line package 100% full load burn-in test Low cost / High reliability Modified models available: output 3.3V/9V 2 years warranty
SPECIFICATION
ORDER NO. DC VOLTAGE CURRENT RANGE RATED POWER OUTPUT
SPA02E-05 SPA02A-05 SPA02B-05 SPA02C-05 SPA02E-12 SPA02A-12 SPA02B-12 SPA02C-12 SPA02E-15 SPA02A-15 SPA02B-15 SPA02C-15
5V 40 ~ 400mA 2W
12V 15 ~ 150mA 17 ~ 167mA 1.8W 60mVp-p 2W
15V 12 ~ 120mA 13 ~ 133mA 1.8W 60mVp-p 2W
RIPPLE & NOISE (max.) Note.2 60mVp-p LINE REGULATION Note.3 0.5% LOAD REGULATION VOLTAGE ACCURACY SWITCHING FREQUENCY VOLTAGE RANGE EFFICIENCY (Typ.)
Note.4
0.5% 2.0% 100KHz min. E: 4.5 ~ 9VDC 71% No load 76% E: 50mA A: 9 ~ 18VDC 76% A: 25mA B: 18 ~ 36VDC 74% 74% C: 36 ~ 72VDC 80% 80% 82% 76% 80% 80% 78%
INPUT
DC CURRENT FILTER PROTECTION OVERLOAD
Full load E: 600mA Pi network Fuse recommended
A: 225mA B: 115mA B: 15mA
C: 60mA C: 8mA
PROTECTION
(Note. 5)
150 ~ 250% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed All output equipped with short circuit Protection type : Hiccup mode, recovers automatically after fault condition is removed -40 ~ +85 (Refer to output load derating curve)
SHORT CIRCUIT WORKING TEMP.
ENVIRONMENT
WORKING HUMIDITY 20% ~ 90% RH non-condensing STORAGE TEMP., HUMIDITY -25 ~ +105 , 10 ~ 95% RH 0.05% / (0 ~ 50 ) TEMP. COEFFICIENT VIBRATION WITHSTAND VOLTAGE ISOLATION RESISTANCE ISOLATION CAPACITANCE 10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes I/P-O/P:1KVDC I/P-O/P: 100M Ohms / 500VDC / 25 / 70% RH 80pF max.
SAFETY
EMI CONDUCTION & RADIATION Compliance to EN55022 Class B, FCC part 15 Class B Compliance to EN61000-4-2,3,4,5,6,8 light industry level, criteria A EMS IMMUNITY Power ON : R.C. ~ +Vin < 1VDC or open ; Power OFF : R.C. ~ +Vin > 4VDC or short REMOTE CONTROL OTHERS MTBF DIMENSION WEIGHT 600Khrs min. MIL-HDBK-217F(25 ) 21.8*9.2*11.1mm or 0.86"*0.36"*0.44" inch (L*W*H) 4.8g
Mechanical Specification
21.8(0.86)
11.1(0.44)
Pin Configuration
Unit:mm(inch)
Derating Curve
FRONT VIEW 123 0.5 0.05(0.02) 5.08 (0.2) 5678
0.5 (0.02)
Pin No.
1 2 3 5 6 7 8
Output
- Vi n + Vi n R.C. N.C. + Vo u t - Vo u t N.C.
100
3.81 0.5(0.15)
2.54(0.1)
LOAD (%)
17.78(0.7)
50
BOTTOM VIEW 3.2(0.13) 2.01(0.08)
9.2(0.36)
-40
0
25
50 70 85
100
Ta (
NOTE 1.All parameters are specified at normal input, rated load, 25 70% RH ambient. 2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 3.Line regulation is measured from low line to high line at rated load. 4.Load regulation is measured from 10% to 100% rated load. 5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
)
File Name:SPA02-SPEC 2008-09-26


▲Up To Search▲   

 
Price & Availability of SPA02A-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X