Part Number Hot Search : 
1N5261B D6433 KSR1110 NMA2513 D6433 AP1022 AK4522 AO4720
Product Description
Full Text Search
 

To Download SOB765670 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 okpac
S/MON/SOB765670/A/14/09/2007
page 1 / 9F/GB
Relais statique biphase de puissance Double Power Solid State Relay
o
Relais statique biphase asynchrone avec haute immunite et protection surtension integree 2 Leg Random Solid State Relays with high immunity and internal VOLTAGE PROTECTION. Sortie thyristors technologie TMS2 (*) permettant une longue duree de vie : 24 a 510VAC 50A Back to back thyristors on output with TMS2 (*) technology for a long lifetime expectancy : 24 to 510 Vac 50A. Entrees doubles avec LED de visualisation sur les 2 entrees de couleur verte. Double input with green LED visualization on the inputs. Protection IP20. IP20 protection flaps. Construit en conformite aux normes EN60947-4-3 (IEC947-4-3) et EN60950/VDE0805 (Isolement renforce) -UL-cUL pending Designed in conformity with EN60947-4-3 (IEC947-4-3) and EN60950/VDE0805 (Reinforced Insulation) -UL-cUL pending Differentes possibilites de connecteur de commande. Les relais sont livres sans le connecteur de commande. Selectionner ce connecteur pages 6 a 9. Different possibilities for input connector. Input connector is not delivered with the SSR. Select input connector in pages 6 to 9. Sur demande: Modeles asynchrone, avec protection en tension,... On request : Random models, Voltage protection by VDR or transils
L1
SOB765670
Output : 2x50A/24-510VAC Input : 8-30VDC
o
o o o
o
+
1
input
output T1 L2
-
+
2 input output T2
o
-
Caracteristiques d'entree / Control characteristics (at 25C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de non fonctionnement / Release voltage LED d'entree / Input LED Tension Inverse / Reverse voltage Tension de transil d'entree / Clamping voltage (Transil) Immunite / Input immunity : EN61000-4-4 Immunite / Input immunity : EN61000-4-5 Symbol Uc Ic Uc off Urv Uclamp Min 8 6 2 DC Typ Input : Ic = f( Uc) Max 30 24
Ic (mA) 24 22 20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 Uc (V)
verte / green 32 36 2kV 2KV
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
s
okpac
S/MON/SOB765670/A/14/09/2007
page 2 / 9F/GB
Caracteristiques de sortie / Output characteristics (at 25C) Parametre / Parameter Conditions Symbol Min Typ. Max Plage de tension utilisation / Operating voltage range Ue 24 400 510 Tension de crete / Peak voltage ( + internal VDR) Up 1200 (clamp near 910Volts) Niveau de synchronisme / Zero cross level Usync RANDOM Tension minimum amorcage / Latching voltage Ie nom Ua 10 Courant nominal / nominal current (AC-51) Ie AC-51 50 60 Courant surcharge / Non repetitive overload current tp=10ms (Fig. 3) Itsm 550 720 Chute directe a l'etat passant / On state voltage drop @ 25C Vt 0,9 Resistance dynamique / On state dynamic resistance rt 12 Puissance dissipee (max) par phase/ Pd 0,9x0,9xIe + 0,012xIe2 Output power dissipation (max value) by power Resistance thermique jonction/semelle Rthj/c 0,45 Thermal resistance between junction to case Courant de fuite a l'etat bloque / Off state leakage current @Ue typ, 50Hz Ilk 1 Courant minimum de charge / Minimum load current Iemin 5 Temps de fermeture / Turn on time @Ue typ, 50Hz ton max 0,1 Temps d'ouverture / Turn off time @Ue typ, 50Hz toff max 10 Frequence utilisation/ Operating frequency range F mains f 0,1 50-60 800 dv/dt a l'etat bloque / Off state dv/dt dv/dt 500 di/dt max / Maximum di/dt non repetitive di/dt 50 I2t (<10ms) I2t 1500 2500 Immunite / Conducted immunity level IEC/EN61000-4-4 (bursts) 2kV criterion A Immunite / Conducted immunity level IEC/EN61000-4-5 (surge) 2kV criterion A Protection court-circuit / Short circuit protection voir/see page 9 Example Fuse FERRAZ gRC 25A/32A 14x51
Unit V rms V V V A rms A V m W K/W mA mA ms ms Hz V/s A/s A2s
Caracteristiques generales / General characteristics (at 25C) Isolement entree/sortie - Input to output insulation Isolation sortie/ semelle - Output to case insulation Resistance Isolement / Insulation resistance Tenue aux tensions de chocs / Rated impulse voltage Degre de protection / Protection level / CEI529 Degre de pollution / Pollution degree Vibrations / Vibration withstand 10 -55 Hz according to CEI68 Tenue aux chocs / Shocks withstand according to CEI68 Temperature de fonctionnement / Ambient temperature (no icing, no condensation) Temperature de stockage/ Storage temperature (no icing, no condensation) Humidite relative / Ambient humidity Poids/ Weight Conformite / Conformity Conformite / Conformity plastique du boitier / Housing Material Semelle / Base plate
Symbol Ui Ui Ri Uimp double amplitude HR
4000 4000 1000 (@500VDC) 4000 IP20 2 1,5 30/50 -55 /+100 -55/+125 40 to 85 80 EN60947-4-3 (IEC947-4-3) VDE0805/EN60950 UL/cUL PA 6 UL94VO Aluminium, nickel-plated
VRMS VRMS M V
mm g C C % g
pending
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SOB765670/A/14/09/2007
page 3 / 9F/GB
Courbes thermiques / Thermal specifications
140 140
0,75K/W
Full on State Full on State 2 legs 2 legs
Puissance Dissipee / Power Dissipation (W)
0,55K/W
0,3K/W
120 100 80
120 100
1,1K/W
80
1,5K/W
60
2,1K/W
60 40
1 leg on State 50% on State
40 20 0 0 5 10 15 20 25 30 35 40 45 50
Courant de charge / RMS load current (A) 6K/W
20 0 10 20 30 40 50 60 70 80 90 100
0
Temperature ambiante / Ambient temperature (C)
Courants de surcharges / Overload currents
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltagereapplied . This curve is used to define the protection (fuses). 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). Attention : la repetition de ces surcharges de courant diminue la duree de vie du relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. In normal operation , this curve musn't be exceeded. Be careful, the repetition of the surge current decreases the life expectancy of the SSR.
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 50A(Itsm=550A) Surge current : Itsm (Apeak) = f(t) for 50A models with Itsm =550A 600 Itsm (Apeak)
400
Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied.
200
Surcharge de courant repetitive avec tension reappliquee / Repetive surge current with voltage reapplied.
1 2
1 10
0 0,01
0,1
t (s)
-> Attention ! les relais a semi-conducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. Ils doivent etre utilises associes a un disjoncteur avec propriete de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la ligne dans l'hypothese d'une defaillance et pour tous les cas ou le relais doit etre isole du reseau (maintenance ; non utilisation sur une longue duree...). -> Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the event of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...).
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SOB765670/A/14/09/2007
page 4 / 9F/GB
Dimensions sans le connecteur de commande/ Dimensions without control connector
L1
L2
+ +
IN 2 IN 1
T1
T2
H depend du type de connecteur de commande. Different modeles possibles: voir page suivantes H max = 47mm H depends on the type of input connector Different solutions are available : see following pages H max = 47mm H
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SOB765670/A/14/09/2007
page 5 / 9F/GB
Raccordement de puissance / Power connections
Directement avec fils avec ou sans embouts/ Direct connection with wires with or without ferrules Avec cosses/ With ring terminals
Nouvelles bornes avec rondelles freins New terminals with washers
okpac
1
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires 2
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Modele de tournevis / Screwdriver type
Couple de serrage recommande Recommended Torque
M5
N.m 1,5 ... 10 mm
2
1,5 ... 6 mm
2
1,5 ... 10 mm
2
1,5 ... 6 mm
2
AWG16....AWG8 AWG16....AWG10 AWG16....AWG8 AWG16....AWG10
POZIDRIV 2
2
Puissance avec cosses / Power with ring terminals. W max = 12,6mm 16 mm2 (AWG6) 25 mm2 (AWG4) 35mm2 (AWG2 /AWG3) 50mm2 (AWG0 /AWG1)
Des cosses et kits d'adaptation peuvent etre fournis : voir relais forte puissance et documentation connexion forte puissance/ Suitable ring terminals and special kit for high current can be delivered: see high power SSR and data-sheet for power connexion.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SOB765670/A/14/09/2007
page 6 / 9F/GB
Raccordement de commande par connecteur debrochable / Control connections by pluggable connector
Differentes possibilites de connecteurs et de sortie/ Different possibilities of connectors and outputs
Connecteur a vis Screw solution
1
screw 270 Ref : 1Y042715
2
screw 90 Ref : 1Y040915
Weidmuller: BLZ5,08/4/90SN SW 1552910000
Single wire = 0,15...2,5mm2 26-12AWG Wire strip length = 7mm
Weidmuller: BLZ5,08/4/270SN SW 1557510000
Single wire = 0,15...2,5mm2 26-12AWG Wire strip length = 7mm
1
3
Screw 45 Ref : 1Y042217
4
double Ref : 1Y041660
Weidmuller: BLDT5,08/4 SN SW 1660730000
2
Weidmuller: BLZ5,08/4/225SN SW 1741890000
3
Single wire = 0,15...2,5mm2 Single wire = 0,15...2,5mm2 26-12AWG Wire strip length = 7mm
4
26-12AWG Wire strip length = 8mm
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SOB765670/A/14/09/2007
page 7 / 9F/GB
Raccordement de commande par connecteur debrochable / Control connections by pluggable connector
Differentes possibilites de connecteurs et de sortie/ Different possibilities of connectors and outputs
Solution ressort
5
180 Ref : 1Y041817
Weidmuller: BLZF5,08/4/180 SW 1707710000
Single wire = 0,15...2,5mm2 26-12AWG Wire strip length = 10mm
6
Spring solutions
270 Ref : 1Y042716
Weidmuller: BLZF5,08/4/270 SW 1672190000
Single wire = 0,15...2,5mm2 26-12AWG Wire strip length = 10mm
7
90 Ref : 1Y040916
Weidmuller: BLZF5,08/4/90 SW 1671040000
Single wire = 0,15...2,5mm2 26-12AWG Wire strip length = 10mm
5
8 6
Spring solutionswith no tool
RIA: ASO04604.02
Ref : 1Y044604
7
Put and remove a wire
8
no tool
Wire diameter = 0,3-1,3mm 28-16 AWG Wire strip length = 4mm
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SOB765670/A/14/09/2007
page 8 / 9F/GB
Raccordement de commande par connecteur debrochable / Control connections by pluggable connector
Differentes possibilites de connecteurs et de sortie/ Different possibilities of connectors and outputs
Cosses Crimp solutions
9
Cosses / Crimp solutions
Ref : 1Y041711
Ref : 1Y011567
Weidmuller: BLC5,08/4/180R SW Weidmuller: CTS FemBLAC 0,5/1mm2 1711980000 1267060000 (Single Contacts 20-17AWG)
+
- Other sizes : 0,22 to 2,5mm2 14-24 AWG(consult us) - Stripping length = 5mm
9
Automatic process (band) : consult us
Insulation Displacement Connection
10
nous consulter / Consult us
10
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Montage /Mounting:
->
S/MON/SOB765670/A/14/09/2007
page 9 / 9F/GB
Les relais statiques de la gamme okpac doivent etre montes sur dissipateur thermique. Une gamme etendue de dissipateurs est disponible. Voir exemples ci dessous et la gamme "WF" sur www.celduc.com. okpac SSRs must be mounted on heatsinks. A large range of heatsinks is available.
M4x12mm 1,2N.m
->
See below some examples and "WF" range on www.celduc.com. Pour le montage du relais sur dissipateur utiliser de la graisse thermique ou un "thermal pad" haute performance specifie par celduc .Une version autocollante precollee sur le relais est aussi disponible: nous consulter / For heatsink mounting, it is necessary to use thermal grease or thermal pad with high conductibility specified by celduc. An adhesive model mounted by
Thermal grease or pad
celduc on the SSR is also available: please contact us.
Poussez et fermer. Push and close
Thermal pad : 5TH21000
WF151200 (2-2,5 K/W) WF108110 ( 1,1 K/W)
Installation des volets IP20 / IP20 flaps mounting
Application typiques / Typical LOADS
->
Les produit SOB7 sont definis principalement pour des charges resistives pilotees en angle de phase ( lampes) ou pour le pilotage de charges inductives ou moteurs SOB7 products are specially designed for resistive loads ( lamps) drived with phase angle controllers, but also inductive loads or motors
Protection /Protection :
->
La protection d'un relais statique contre les court-circuits de la charge peut etre faite par fusibles rapides avec des I2t = 1/2 I2t du relais . Un test en laboratoire a ete effectue sur les fusibles de marque FERRAZ. Une protection par MCB ( disjoncteurs modulaires miniatures) est aussi possible. Voir notre note application ( protection SSR) et utiliser des relais avec I2t >5000A2s
To protect the SSR against a short-circuit of the load , use a fuse with a I2t value = 1/2 I2t value specified page 2. A test has been made with FERRAZ fuses . It is possible to protect SSR by MCB ( miniature circuit breaker). In this case, see application note ( SSR protection) and use a SSR with high I2t value (5000A2s minimum).
EMC :
-> Immunite : Nous specifions dans nos notices le niveau d'immunite de nos produits selon les normes essentielles pour ce type de produit, c'est a dire EN61000-4-4 &5. Immunity : We give in our data-sheets the immunity level of our SSRs according to the main standards for these products: EN61000-4-4 &5. -> Emission: Nos relais statiques sont principalement concus et conformes pour la classe d'appareils A (Industrie). L'utilisation du produit dans des environnements domestiques peut amener l'utilisateur a employer des moyens d'attenuation supplementaires. En effet, les relais statiques sont des dispositifs complexes qui doivent etre interconnectes avec d'autres materiels (charges, cables, etc) pour former un systeme. Etant donne que les autres materiels ou interconnexions ne sont pas de la responsabilite de celduc, il est de la responsabilite du realisateur du systeme de s'assurer que les systemes contenant des relais statiques satisfont
Emission: celduc SSRs are mainly designed in compliance with standards for class A equipment (Industry). Use of this product in domestic environments may cause radio interference. In this case the user may be required to employ additionnal devices to reduce noise. SSRs are complex devices that must be interconnected with other equipment (loads, cables, etc.) to form a system. Because the other equipment or the interconnections may not be under the control of celduc, it shall be the responsability of the system integrator to ensure that systems containing SSRs comply with the requirement of any rules and regulations applicable at the system level. Consult celduc for advices. Tests can be preformed in our laboratory.
aux prescriptions de toutes les regles et reglements applicables au niveau des systemes. Consulter celduc qui peut vous conseiller ou realiser des essais dans son laboratoire sur votre application.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SOB765670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X