|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Si1903DL Vishay Siliconix Dual P-Channel 2.5-V (G-S) MOSFET PRODUCT SUMMARY VDS (V) rDS(on) (W) 0.995 @ VGS = -4.5 V -20 1.190 @ VGS = -3.6 V 1.80 @ VGS = -2.5 V FEATURES ID (A) "0.44 "0.40 "0.32 D TrenchFETr Power MOSFET D 2.5-V Rated D Lead (Pb)-Free Version is RoHS Compliant Available SOT-363 SC-70 (6-LEADS) S1 G1 D2 1 6 5 D1 G2 S2 Marking Code YY Lot Traceability and Date Code Part # Code QA XX 2 3 4 Top View Ordering Information: SI1903DL-T1 SI1903DL-T1--E3 (Lead (Pb)-Free) ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Diode Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C TA = 25_C TA = 85_C Symbol VDS VGS ID IDM IS PD TJ, Tstg 5 secs Steady State -20 "12 Unit V "0.44 "0.31 "1.0 -0.25 0.30 0.16 -55 to 150 "0.41 "0.30 A -0.23 0.27 0.14 W _C THERMAL RESISTANCE RATINGS Parameter Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71081 S-50694--Rev. C, 18-Apr-05 www.vishay.com t v 5 sec Steady State Steady State Symbol RthJA RthJF Typical 360 400 300 Maximum 415 460 350 Unit _C/W C/W 1 Si1903DL Vishay Siliconix SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Static Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "12 V VDS = -20 V, VGS = 0 V VDS = -20 V, VGS = 0 V, TJ = 85_C VDS = -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -0.41 A Drain-Source On-State Resistancea rDS(on) VGS = -3.6 V, ID = -0.38 A VGS = -2.5 V, ID = -0.25 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = -10 V, ID = -0.41 A IS = -0.23 A, VGS = 0 V -1.0 0.850 1.0 1.4 0.8 -0.8 -1.2 0.995 1.190 1.80 S V W -0.6 -1.5 "100 -1 -5 V nA mA A Symbol Test Condition Min Typ Max Unit Dynamicb Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -0.23 A, di/dt = 100 A/ms VDD = -10 V, RL = 20 W ID ^ -0.5 A, VGEN = -4.5 V, Rg = 6 W VDS = -10 V, VGS = -4.5 V, ID = -0.41 A 1.2 0.45 0.25 7.5 20 8.5 12 25 15 40 17 24 40 ns 1.8 nC Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) Output Characteristics 1.0 VGS = 5 thru 3 V 0.8 I D - Drain Current (A) 2.5 V I D - Drain Current (A) 0.8 1.0 TC = -55_C 25_C Transfer Characteristics 0.6 0.6 125_C 0.4 0.4 2V 0.2 1V 0.0 0.0 1.5 V 0.2 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VDS - Drain-to-Source Voltage (V) www.vishay.com VGS - Gate-to-Source Voltage (V) Document Number: 71081 S-50694--Rev. C, 18-Apr-05 2 Si1903DL Vishay Siliconix TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) On-Resistance vs. Drain Current 3.0 r DS(on) - On-Resistance ( W ) 2.5 2.0 1.5 VGS = 3.6 V 1.0 VGS = 4.5 V 0.5 0.0 0.0 C - Capacitance (pF) 100 Capacitance 80 Ciss VGS = 2.5 V 60 40 Coss 20 Crss 0 0.2 0.4 0.6 0.8 1.0 0 4 8 12 16 20 ID - Drain Current (A) VDS - Drain-to-Source Voltage (V) Gate Charge 5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 0.41 A rDS(on) - On-Resiistance (Normalized) 4 1.4 1.6 On-Resistance vs. Junction Temperature VGS = 4.5 V ID = 0.41 A 3 1.2 2 1.0 1 0.8 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.6 -50 -25 0 25 50 75 100 125 150 Qg - Total Gate Charge (nC) TJ - Junction Temperature (_C) Source-Drain Diode Forward Voltage 1 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 On-Resistance vs. Gate-to-Source Voltage r DS(on) - On-Resistance ( W ) I S - Source Current (A) ID = 0.41 A TJ = 150_C TJ = 25_C 0.1 0.0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V) Document Number: 71081 S-50694--Rev. C, 18-Apr-05 www.vishay.com 3 Si1903DL Vishay Siliconix TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0.4 0.3 V GS(th) Variance (V) ID = 250 mA 0.2 0.1 0.0 -0.1 -0.2 -50 1 Power (W) 3 Threshold Voltage 5 Single Pulse Power 4 2 -25 0 25 50 75 100 125 150 0 10-3 10-2 10-1 1 Time (sec) 10 100 600 TJ - Temperature (_C) 2 1 Normalized Effective Transient Thermal Impedance Normalized Thermal Transient Impedance, Junction-to-Ambient Duty Cycle = 0.5 0.2 0.1 0.1 0.05 0.02 Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 400_C/W Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec) 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted 10 100 600 2 1 Normalized Effective Transient Thermal Impedance Normalized Thermal Transient Impedance, Junction-to-Foot Duty Cycle = 0.5 0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10 Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?71081. www.vishay.com Document Number: 71081 S-50694--Rev. C, 18-Apr-05 4 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of SI1903DL-T1 |