Part Number Hot Search : 
NTE21 100ES NTE21 L9310 ATP050SM HN2S04FU NRVB0530 IWD512
Product Description
Full Text Search
 

To Download SD444-42-22-261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Detector/Amplifier Hybrids Without Feedback Resistor SD 444-42-22-261 BLUE ENHANCED
PACKAGE DIMENSIONS INCH
3 2 4
1
5
8 7
6
1 INCH PACKAGE CHIP DIMENSIONS
FEATURES
* * * * Low noise Blue enhanced Custom feedback High speed
DESCRIPTION
The SD 444-42-22-261 is a detector/amplifier hybrid that combines a silicon photodiode with an opamp without the feedback resistor and capacitor, available in a hermetic metal can package.
0.70 Responsivity (A/W) 0.60 0.50 0.40 0.30 0.20 0.10 0.00
APPLICATIONS
* Instrumentation * Industrial * Medical
AMPLIFIER SPECIFICATIONS (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL PARAMETER Vs Vio Vn Iib Iio In IS GBP TSTG TO
.
SPECTRAL RESPONSE
MIN 5
TYP 15 1 12 15 20 20 6.5 18
MAX 18 2
UNITS V mV nV/Hz
Voltage Supplies Input Offset Voltage Input Voltage Noise @ f = 10KHz Input Bias Current Input Offset Current Input Current Noise @ f = 10KHz Supply Current Gain Bandwidth Product Storage Temperature Operating Temperature
40 30 30 7 +125 +85
pA pA fA/Hz mA MHz C C
1000
1100
W avelength (nm)
-65 -40
DETECTOR SPECIFICATIONS (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL ID RSH CJ lrange R CHARACTERISTIC Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity TEST CONDITIONS VR = 10 V VR = 0 V VR = 0 V, f = 1 MHz VR = 10 V, f = 1 MHz Spot Scan l= 450 nm, VR = 0 V MIN 15 TYP MAX 150 UNITS nA MW pF 1100 0.28 nm
1700 340
250
1200
200
300
400
500
600
700
800
900
Detector/Amplifier Hybrids Without Feedback Resistor SD 444-42-22-261
SCHEMATIC AND CONNECTION DIAGRAM
7 2
7 2
6 8 3 4 1
6 8 3 4 1
5
5
Note: Components shown outside the dashed area are external to the device, and must be supplied by the user.
Note: Components shown outside the dashed area are external to the device, and must be supplied by the user.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com
2


▲Up To Search▲   

 
Price & Availability of SD444-42-22-261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X