Part Number Hot Search : 
A29L800 PCA7414 HM628512 BB179 LD12A B80NE LVA489A MB8116H
Product Description
Full Text Search
 

To Download SD103AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Barrier Switching Diodes KD103AW - KD103CW
(SD103AW-SD103CW)
SOD-123
2.7
+0.1 -0.1
Diodes
Unit: mm
+0.05 1.1-0.05 +0.1 0.55-0.1
Features
Low forward voltage drop. Guard ring construction for transient protection. Negligible reverse recovery time.
0.50 0.35
+0.1 3.7-0.1
0.1max
Absolute Maximum Ratings Ta = 25
Parameter Peak repetitive peak reverse voltage Working peak DC blocking voltage RMS reverse voltage Forward continuous current Non-Repetitive Peak Forward Surge Curren @t Power dissipation Thermal resistance junction to ambient Storage temperature 1.0s Symbol VRRM VRWM VR VR(RMS) IFM IFRM Pd ReJA Tstg 28 21 350 1.5 400 300 -65 to +125 14 V mA A mW /W 40 30 20 V KD103AW KD103BW KD103CW Unit
Electrical Characteristics Ta = 25
Parameter KD103AW Reverse breakdown voltage KD103BW KD103CW Forward Voltage Drop KD103AW Peak Reverse Current KD103BW KD103CW Total Capacitance Reverse Recovery Time CT trr IRM VFM IF = 20mA IF = 200mA VR = 30V VR = 20V VR = 10V VR = 0V, f = 1.0MHz IF = IR = 200mA,Irr = 0.1 X IR, RL = 100 50 10 pF ns 5 A V (BR)R IR=100 A Symbol Testconditons Min 40 30 20 0.37 0.60 V V Typ Max Unit
Marking
NO. Marking KD103AW S4 KD103BW S5 or S4 KD103CW S6 or S5 or S4
+0.05 0.1-0.02
+0.1 1.6-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of SD103AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X