Part Number Hot Search : 
LVC1G0 41200 TK20D60 XL4005E1 LP121S1 43C8P4 EFM32G 09SH3
Product Description
Full Text Search
 

To Download SA08-13EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SA08-13EWA
HIGH EFFICIENCY RED
Features
0.8 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made With Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2285 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1301000124
Selection Guide
Iv (ucd) [1] @ 10mA Min. SA08-13EWA HIGH EFFICIENCY RED (GaAsP/GaP) WHITE DIFFUSED 1200 Typ. 6400 Common Anode, Rt.& Lt. Hand Decimal.
Part No.
Dice
Lens Type
Description
Note: 1.Luminous Intensity/ Luminous Flux: +/-15%
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2.Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
High Efficiency Red 105 30 160 5 -40C To +85C 260C For 3 Seconds
Units mW mA mA V
SPEC NO: DSAD2285 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1301000124
High Efficiency Red
SA08-13EWA
SPEC NO: DSAD2285 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1301000124
PACKING & LABEL SPECIFICATIONS
SA08-13EWA
SPEC NO: DSAD2285 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1301000124


▲Up To Search▲   

 
Price & Availability of SA08-13EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X