Part Number Hot Search : 
BA6144 BA6197FP TLE4290G 2180Q1 253PN COM4215A 24064 SR220
Product Description
Full Text Search
 

To Download RF334006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Power Relay RF
I I I I I I I I
1 pole 16 A, 1 NO or 1 NC contact Switching capacity 4000 VA Coil power 400 mW Reinforced insulation (EN 61810, 60335, 60730) Ambient temperature up to 105C Quick connect terminals for load side WG version: Materials in accordance to IEC 60335-1 RoHS compliant (Directive 2002/95/EC)
Applications Oven control, electric heating, power supplies, air conditioning, microwares, hobs
F0273-AI
Approvals
V REG.-Nr.ofA652, Zon request E214025 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Limiting making capacity, max 4 s, duty factor 10% Contact material Minimum contact load Mechanical endurance Rated frequency of operation with / without load Contact ratings Type Load RF33, RFH3 11 A, 250 VAC, 85C, EN61810-1 RF33, RFH3 16 A, 250 VAC, 85C, EN61810-1 RF33, RFH3 20 A, 250 VAC, 85C, EN61810-1 RF33, RFH3 25 A, 250 VAC, 70C, EN61810-1 RFH3 11 A, 250 VAC, 105C, EN61810-1 RFH3 16 A, 250 VAC, 105C, EN61810-1 RFH3 18, 5 A, 250 VAC, 105C, EN61810-1 RFH3 10 A, 400 VAC, 105C, EN61810-1 1NO or 1NC single contact micro disconnection 16 A 240/400 VAC 4000 VA 25 A AgNi90/10 12VAC / 500mA 10x106 cycles 6 / 1200 min-1 Cycles 2.5x105 1x105 2.5x104 1.5x104 2.5x105 5x104 2x104 1.5x105
Coil data
Rated coil voltage DC coil Coil power DC coil Operative range Coil insulation system according UL1446 5...60 VDC typ. 400 mW 2 Class F
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.5 0.5 62+10% 403 006 6 4.2 0.6 90+10% 400 009 9 6.3 0.9 203+10% 399 + 012 12 8.4 1.2 360+10% 400 + 024 24 16.8 2.4 1440+10% 400 048 48 33.6 4.8 5520+10% 417 060 60 42.0 6.0 8570+10% 420 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. GK1 Issued 2007/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Power Relay RF (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 1000 Vrms W 8 / 8 mm W IIIa PTI 250 reinforced functional 250 V 3 230/400 V III
PCB layout / terminal assignment
Bottom view on solder pins
S0256-CA
1 NO contact
Other data
RoHS - Directive 2002/95/EC compliant Flammability class according to UL94 V-0 For WG version: GWFI to IEC 60695-2-12 >850C GWIT to IEC 60695-2-13 >775C Ambient temperature range -40...+105C Operate- / release time typ.10 ms Bounce time NO / NC contact typ. 5 ms Vibration resistance (function) NO / NC contact (55...500Hz) 20 / 5 ms Shock resistance (destruction) 100 g Category of protection RTII - flux proof; RTIII - wash tight Mounting pcb Resistance to soldering heat flux-proof version 270C / 10 s wash-tight version 260C / 5 s Relay weight 20 g Packaging unit 150 / 300 pcs
S0256-CB
1 NC contact
S0256-CC
Dimensions Quick connect terminals vertical Quick connect terminals horizontal
S0282-CI
S0282-CJ
2
Datasheet Rev. GK1 Issued 2007/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Power Relay RF (Continued)
Product key
RF
Type Version 3 16 A, 85C H 16 A, 105C Contact configuration 5 1 NC contact, quick connect term. vertical 3 1 NO contact, quick connect term. vertical D 1 NO contact, quick connect term. horizontal F 1 NC contact, quick connect term. horizontal Contact material 4 AgNi 90/10 Coil Coil code: please refer to coil versions table Version Blank Standard version WG Product in accordance with IEC 60335-1 (domestic appliances) Wash tight version on request
Product key RF334006 RF334009 RF334012 RF334024 RF354006 RF354009 RF354012 RF354024 RFH34006 RFH34009 RFH34012 RFH34024 RFH54006 RFH54009 RFH54012 RFH54024 RF334006WG RF334009WG RF334012WG RF334024WG RF354006WG RF354012WG RF354024WG RF354048WG RFH34006WG RFH34009WG RFH34012WG RFH34024WG RFH54006WG RFH54009WG RFH54012WG RFH54024WG
Version 16 A 85C
Configuration 1 NO contact quick connect term. vertical 1 NC contact quick connect term. vertical
Cont. material AgNi 90/10
16 A 105C
1 NO contact quick connect term. vertical 1 NC contact quick connect term. vertical
16 A 85C materials according IEC 60335-1
1 NO contact quick connect term. vertical 1 NC contact quick connect term. vertical
16 A 105C materials according IEC 60335-1
1 NO contact quick connect term. vertical 1 NC contact quick connect term. vertical
Coil 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC 6 VDC 9 VDC 12 VDC 24 VDC
Part number 5-1415513-1 7-1415513-1 8-1415513-1 9-1415513-1 2-1415514-1 3-1415514-1 4-1415514-1 5-1415514-1 8-1415510-1 9-1415510-1 6-1415510-1 0-1415511-1 4-1415511-1 5-1415511-1 6-1415511-1 7-1415511-1 5-1415517-1 6-1415517-1 7-1415517-1 8-1415517-1 2-1415518-1 4-1415518-1 5-1415518-1 6-1415518-1 3-1415520-1 4-1415520-1 5-1415520-1 6-1415520-1 0-1415521-1 1-1415521-1 2-1415521-1 3-1415521-1
3
Datasheet Rev. GK1 Issued 2007/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of RF334006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X