Part Number Hot Search : 
TIP145 HT66F018 PC160 MS68941 C1206 S451A EUP6514 0603C
Product Description
Full Text Search
 

To Download R2021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RDC(R)
R2021
RISC DSP Communication
FAST ETHERNET RISC PROCESSOR
FAST ETHERNET RISC PROCESSOR
R2021 Brief Sheet
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 1 of 4 REV 1.0 Sep. 20 2006
RDC(R)
1. Features
l l CPU Core
R2021
RISC DSP Communication
FAST ETHERNET RISC PROCESSOR
l l -
Two Independent DMA Channels Fast Ethernet MAC Ports 2-Port Fast Ethernet MAC with MII interface The MAC packet buffer is cacheble with snooping function
RDC's proprietary RISC architecture Five-stage pipeline Operation frequency: 125 MHz Supports an 8K-byte Uniform cache Supports CPU ID Supports 40 PIO pins Bus Interface Supports non-multiplexed address bus A[21:0] With 8-bit or 16-bit Boot ROM bus size 8-bit or 16-bit external bus dynamic access Supports an independent data/address bus for external I/O device
l -
Interrupt Controller The Interrupt controller with five maskable external interrupts and one non-maskable external interrupt
l -
Programmable Chip-select Logic Programmable chip-select logic for Memory or I/O bus cycle decoder
l -
PCMCIA Bus Interface Supports a glueless and simplified 16-bit PCMCIA bus interface
l l -
Programmable wait-state generator Counter/Timers Three independent 16-bit timers and one independent programmable watchdog timer
l
ROM/RAM/SDRAM Controller and Addressing Space Supports 16-bit data bus [15:0] 16M-byte memory address space Address[23:0] SDRAM control Interface 64K-byte I/O space Compatible UART Channels Supports two compatible UART serial channels with 16-byte FIFO and hardware flow-control l l
l -
Operating Voltage Range Core voltage: 2.5V 5% I/O voltage: 3.3V 10% Package Type 128-pin PQFP
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 2 of 4 REV 1.0 Sep. 20 2006
RDC(R)
R2021
RISC DSP Communication
FAST ETHERNET RISC PROCESSOR
2. Block Diagram
INT2 INT1 CLKOUTA INT3 INT6-INT5 INT0 NMI DRQ0 DRQ1
X1 VCC GND
X2 Clock and Power Management
Interrupt Control Unit
Timer Control Unit
DMA Unit
RST_n
MAC1 MII 1
Cache MCS_n UCS_n PCS6_n PCS[3:2]_n PCS0_n Chip Select Unit Instruction Queue (64bits) MAC0 MII 0 Micro ROM Control Signal Register File ARDY Refresh Control Unit General, Segment, Eflag Register PIO Unit EA / LA Address 16550 UART Serial Port0 PIO[39:0]
Instruction Decoder
SD_CLK WE_n CAS_n RAS_n BA[1:0]
SDRAM/Bus Interface Unit
ALU (Special, Logic, Adder, BSF)
Execution Unit
16550 UART Serial Port1
DCD0_n SIN0 DSR0_n CTS0_n RI0_n RTS0_n SOUT0 DTR0_n DCD1_n SIN1 DSR1_n CTS1_n RI1_n RTS1_n SOUT1 DTR1_n
A[21:0] D[15:0]
BHE_n RD_n ALE WR_n/BWSEL
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 3 of 4 REV 1.0 Sep. 20 2006
RDC(R)
3.
R2021
RISC DSP Communication
FAST ETHERNET RISC PROCESSOR
Package Information
PQFP 128 pins
23.2 0.2mm 20.0 0.1mm
102 65
103
64
RDC
R1610 XXXX-C-QF XX-XXXXX
128
17.2 0.2mm 14.0 0.1mm
39
Pin 1 Identifier
1
38
0.22 0.05mm 0.5mm BSC
3.40mm (Max.)
2.85 0.12mm 0.145 0.055mm
0.25mm (Min.)
Seating Plane
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 4 of 4 REV 1.0 Sep. 20 2006


▲Up To Search▲   

 
Price & Availability of R2021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X