Part Number Hot Search : 
CR123 2SK08 PSKH224 ZTX690B 178M05 DB157G BUL39D MB9AF
Product Description
Full Text Search
 

To Download PA02A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Innovation From
PA02 PA02A PA02 **PA02A
FEATURES
* HigHPowERbAndwidTH--350kHz * HigHSlEwRATE--20V/s * FASTSETTlingTimE--600ns * lowcRoSSoVERdiSToRTion--classA/b * lowinTERnAlloSSES--.2Vat2A * HigHoUTPUTcURREnT--5APEAk * lowinPUTbiAScURREnT--FETinput * iSolATEdcASE--300Vdc
APPlicATionS
* moToR,VAlVEAndAcTUAToRconTRol * mAgnETicdEFlEcTionciRcUiTSUPTo5A * PowERTRAnSdUcERSUPTo350kHz * AUdioAmPliFiERSUPTo30wRmS
8-PinTo-3 PAckAgESTYlEcE TYPicAlAPPlicATion
Vehicular Sound System Power Stage
dEScRiPTion
The PA02 and PA02A are wideband, high output current operational amplifiers designed to drive resistive, inductive and capacitive loads. Their complementary "collector output" stage can swing close to the supply rails and is protected against inductive kickback. For optimum linearity, the output stage is biased for class A/B operation. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable, current limiting resistors (down to 10mA). Both amplifiers are internally compensated but are not recommended for use as unity gain followers. For continuous operation under load, mounting on a heatsink of proper rating is recommended. These hybrid integrated circuits utilize thick film (cermet) resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is hermetically sealed and electrically isolated. Isolation washers are not recommended. The use of compressible thermal washers and/or improper mounting torque will void the product warranty. Please see "General Operating Considerations".
LOW INTERNAL LOSS MAXIMIZES EFFICIENCY When system voltages are low and power is at a premium, the PA02 is a natural choice. The circuit above utilizes not only the feature of low internal loss of the PA02, but also its very low distortion level to implement a crystal clear audio amplifier suitable even for airborne applications. This circuit uses AC coupling of both the input signal and the gain circuit to render DC voltage across the speaker insignificant. The resistor and capacitor across the inputs form a stability enhancement network. The 0.27 ohm current limit resistors provide protection in the event of an output short circuit.
EQUiVAlEnTScHEmATic
EXTERnAlconnEcTionS
Cirrus Logic, Inc. PA02U http://www.cirrus.com
Copyright (c) Cirrus Logic, Inc. 2007 (All Rights Reserved)
NOV 2007 PA02U rev N
PA02 * PA02A
ABSOLUTE MAXIMUM RATINGS SPECIFICATIONS
Product Innovation From
AbSolUTEmAXimUmRATingS
SPEciFicATionS
PARAMETER INPUT OFFSET VOLTAGE, initial OFFSET VOLTAGE, vs. temperature OFFSET VOLTAGE, vs. supply OFFSET VOLTAGE, vs. power BIAS CURRENT, initial BIAS CURRENT, vs. temperature BIAS CURRENT, vs. supply OFFSET CURRENT, initial OFFSET CURRENT, vs. temperature INPUT IMPEDANCE, DC INPUT CAPACITANCE COMMON MODE VOLT. RANGE5, Pos. COMMON MODE VOLT. RANGE5, Neg. COMMON MODE REJECTION, DC GAIN OPEN LOOP GAIN at 10Hz OPEN LOOP GAIN at 10Hz GAIN BANDWIDTH PRODUCT at 1MHz POWER BANDWIDTH PHASE MARGIN OUTPUT VOLTAGE SWING3 VOLTAGE SWING3 CURRENT, peak SETTLING TIME to .1% SLEW RATE CAPACITIVE LOAD HARMONIC DISTORTION SMALL SIGNAL rise/fall time SMALL SIGNAL overshoot POWER SUPPLY VOLTAGE CURRENT, quiescent THERMAL RESISTANCE, AC junction to case4 RESISTANCE, DC junction to case RESISTANCE, junction to air TEMPERATURE RANGE, case
SUPPLY VOLTAGE, +VS to -VS OUTPUT CURRENT, within SOA POWER DISSIPATION, internal1 INPUT VOLTAGE, differential INPUT VOLTAGE, common mode TEMPERATURE, pin solder - 10s TEMPERATURE, junction1 TEMPERATURE RANGE, storage OPERATING TEMPERATURE RANGE, case TEST CONDITIONS 2, 6 TC = 25C Full temperature range TC = 25C TC = 25C TC = 25C TC = 85C TC = 25C TC = 25C TC = 85C TC = 25C TC = 25C Full temperature range Full temperature range Full temperature range TC = 25C, 1k load Full temp. range, 10k load TC = 25C, 10 load TC = 25C, 10 load Full temp. range, 10 load TC = 25C, IO = 5A, RCL = .08 Full temp. range, IO = 2A TC = 25C TC = 25C, 2V step TC = 25C Full temp. range, AV > 10 PO = .5W, F = 1kHz, RL = 10 RL = 10, AV = 1 RL = 10, AV = 1 Full temperature range TC = 25C F > 60Hz F < 60Hz Meets full range specifications -25 MIN PA02 TYP 5 10 10 6 50 .01 25 1000 3 +VS -3 -VS +5 100 103 100 4.5 350 30 MAX 10 50 200 200 100 100 * * *
38V 5A 48W 30V -VS+2V to +VS-2V 300C 150C -65 to +150C -55 to +125C MIN PA02A TYP 1 * * * 25 * 15 * * * * * * * * * * * * * * * * * * * * * * * -55 * * * * +125 MAX 3 25 100 * 50 * UNITS mV V/C V/V V/W pA pA/C pA/V pA pA/C G pF V V dB dB dB MHz kHz V V A s V/s % ns % V mA C/W C/W C/W C
+VS -6 -VS +6 70
86
*
VS -4 VS -3 VS -2 VS -1.2 5 .6 13 20 SOA .004 100 10 7 15 27 1.9 2.4 30 19 40 2.1 2.6 +85
* * * *
*
NOTES: * The specification of PA02A is identical to the specification for PA02 in applicable column to the left. 1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to achieve high MTTF. 2. The power supply voltage for all specifications is the TYP rating unless otherwise noted as a test condition. 3. +VS and -VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to -VS. 4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz. 5. Exceeding CMV range can cause the output to latch. 6. Full temperature specifications are guaranteed but not 100% tested. 7. The absolute maximum negative input voltage is equal to the negative power supply voltage plus 1V (-Vs + 1V).
cAUTion
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or subject to temperatures in excess of 850C to avoid generating toxic fumes.
2



PA02U
Product Innovation From
PA02 * PA02A
TYPICAL PERFORMANCE GRAPHS
PA02U

3
PA02 * PA02A
OPERATING CONSIDERATIONS
Product Innovation From
gEnERAl
Please read Application Note 1 "General Operating Considerations" which covers stability, supplies, heat sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.apexmicrotech.com for design tools that help automate tasks such as calculations for stability, internal power dissipation, current limit; heat sink selection; Apex's complete Application Notes library; Technical Seminar Workbook; and Evaluation Kits.
SAFEoPERATingAREA
The SOA curves combine the effect of all limits for this Power Op Amp. For a given application, the direction and magnitude of the output current should be calculated or measured and checked against the SOA curves. This is simple for resistive loads but more complex for reactive and EMF generating loads. The following guidelines may save extensive analytical efforts: 1. Under transient conditions, capacitive and dynamic* loads up to the following maximums are safe: CAPACITIVE LOAD VS ILIM = 2A ILIM = 5A 18V 2mF 0.7mF 15V 10mF 2.2mF 10V 25mF 10mF
INDUCTIVE LOAD ILIM = 2A ILIM = 5A .2H 10mH .7H 25mH 5H 50mH
* If the inductive load is driven near steady state conditions, allowing the output voltage to drop more than 8V below the supply rail with ILIM = 5A, or 17V below the supply rail with ILIM = 2A while the amplifier is current limiting, the inductor should be capacitively coupled or the current limit must be lowered to meet SOA criteria. 2. The amplifier can handle any EMF generating or reactive load and short circuits to the supply rails or shorts to common if the current limits are set as follows at TC = 85C. SHORT TO VS SHORT TO C, L OR EMF LOAD COMMON VS 18V .5A 1.7A 15V .7A 2.8A 10V 1.6A 4.2A These simplified limits may be exceeded with further analysis using the operating conditions for a specific application.
cURREnTlimiT
Proper operation requires the use of two current limit resistors, connected as shown in the external connection diagram. The minimum value for RCL is 0.12 ohm, however for optimum reliability it should be set as high as possible. Refer to the "General Operating Considerations" section of the handbook for current limit adjust details.
dEVicEmoUnTing
The case (mounting flange) is electrically isolated and should be mounted directly to a heatsink with thermal compound. Screws with Belville spring washers are recommended to maintain positive clamping pressure on heatsink mounting surfaces. Long periods of thermal cycling can loosen mounting screws and increase thermal resistance. Since the case is electrically isolated (floating) with respect to the internal circuits it is recommended to connect it to common or other convenient AC ground potential.



PA02U
Product Innovation From
PA02 * PA02A
Copyright (c) 2007 Cirrus Logic, Inc. All rights reserved Printed in the USA Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained is this document is accurate and reliable. However, the information is subject to change without notice and is provided `as is' without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied upon is current and complete. All products are sold subject to the terms and conditions of sales supplied at the time of order acknowledgement, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and, by furnishing this information, Cirrus grants no license, express or implied, under any patents. Mask work rights, copyrights, trademarks, trade secrets, or other intellectual property rights. No part of this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any for or by any means (electronic, mechanical, photographic, or otherwise) unless distributed in its entirety with all copyright notices attached. No part of this publication may be used as a basis for manufacture or sale of any items without the prior written consent of Cirrus. Certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage ("critical applications"). Cirrus products are not designed, authorized, or warranted to be suitable for use in products surgically implanted into the body, automotive safety or security devices, life-support products or other critical applications, inclusion of Cirrus products in such applications is understood to be fully at the customer's risk and cirrus disclaims and makes no warranty of merchantability and fitness for particular purpose, with regard to any Cirrus product that is used in such a manner. If the customer uses or permits the use of Cirrus products in critical products in critical applications, customer agrees, by such use, to fully indemnify Cirrus, its officers, directors, employees, distributors and other agents from any and all liability, including attorneys' fees and costs that may result from or arise in connection with these uses. Cirrus Logic, Cirrus, the Cirrus Logic logo designs, Apex, and Apex Precision Power are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners.
CIRRUS LOGIC, INC. * 5980 N SHANNON ROAD, TUCSON, AZ 85741 USA * TELEPHONE (520) 690-8600 APPLICATIONS SUPPORT (800) 546-2739 * FAX (520) 888-3329 * EMAIL support@cirrus.com ORDERS (520) 690-8601 * FAX (520) 690-7749 * EMAIL teamsales@cirrus.com
PA02U

5


▲Up To Search▲   

 
Price & Availability of PA02A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X