Part Number Hot Search : 
LM4148 ADT73 TR0013A AD741 LV11A 0SMCJ22 74HC27N MKTD05
Product Description
Full Text Search
 

To Download P15C24D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15W DC-DC Converter P15C-Series
Output voltage up to 140V 4:1 wide input voltage range Six-Sided continuous shield High efficiency up to 86% Standard 2" x 1.6" x 0.4" package Fixed switching frequency
Model selection guide
Typ Single output P15C24S05 P15C24S12 P15C24S15 P15C48S05 P15C48S12 P15C48S15 P15C48S110 P15C48S140 Dual output P15C24D05 P15C24D12 P15C24D15 P15C48D05 P15C48D12 P15C48D15
Input nominal Input current voltage full-load [VDC] [mA] 9 ... 36 9 ... 36 9 ... 36 18 ... 75 18 ... 75 18 ... 75 20 ... 72 20 ... 72 9 ... 36 9 ... 36 9 ... 36 18 ... 75 18 ... 75 18 ... 75 822 801 801 411 401 401 382 373 822 801 801 411 401 401
Output voltage [VDC] 5 12 15 5 12 15 110 140 5 12 15 5 12 15
Output current [mA] 3000 1250 1000 3000 1250 1000 140 110 1500 625 500 1500 625 500
Efficiency typ. [%] 79 82 82 80 82 82 84 86 80 82 82 80 82 82
Capacitor load max. [uF] 6800 890 570 6800 890 570 2 x 1700 2 x 300 2 x 200 2 x 1700 2 x 300 2 x 200
Circuit diagram
The output voltage can be externally trimmed by using the method shown below. ( ) for dual output trim 1 6 (5) + OUTPUT R - Trim down 4 Remote OFF 2
+ INPUT Remote ON
DC/DC - Converter P15Cxxxxx
8 (8)
CL 7(7)
R - Trim up - OUTPUT
- INPUT
Page 1 of 2 Deutschland: Inselkammerstrae 10 D-82008 Unterhaching Tel.: 089 614 503-10 E-Mail: power@hy-line.de Schweiz: Grundenstrae 82 CH-8247 Flurlingen Tel.: 052 647 42 00 E-Mail: power@hy-line.ch
15W DC-DC Converter P15C-Series
Specifications
Input Voltage range Filter Input surge voltage for 100mS max. Remote CTRL Remote CTRL input current Remote CTRL input reference Output Power Voltage accuracy Trim adjustment range Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation 10% to full load Transient response recovery time Temperature coefficient Minimum load 24V type : 9 ... 36 VDC 48V type : 18 ... 75 VDC HV type : 20 ... 72 VDC Pi type 24V type : 50 VDC max. 48V type : 100 VDC max. On: open or 3.5..12 VDC Off : 0...1.2 VDC -2.5mA -Input 15W max 2% 10 % 5, 12, 15 V type: 75 mVp-p 110 V type: 100mVp-p 140 V type: 250mVp-p Hiccup, automatics recovery 0.5% single: 1% dual: 5% 110 V,140 V type: 1% 500 s at 25 % load chance 0.02% / C 10 % to maintain the specified regulation General Efficiency Switching frequency Isolation voltage Isolation Resistance Isolation Capacitance MTBF Standard in accordance with Environmental Operating temperature Storage temperature Maximum case temp. Thermal impedance Thermal shock Vibration Humidity Cooling Physical Dimensions Weight Case material Potting material Conducted & radiated emissions See table 300 kHz, typ. 1600 VDC 9 10 min. 300 pF, max. 6 2x10 hrs EN60950, IEC60950, UL1950 -40 C to +85 C (with derating) -55 C to +105 C +100 C 10C/W 8.24 C/W with heat-sink 7G-0011A MIL-STD-810D 2G, 10-55 Hz, 30 min., XYZ-axis 5% to 95% RH Free-air convection 2 x 1.6 x 0.4 inches 50.8 x 40.6 x 10.4 mm 48 g Nickel-coated copper Epoxy (UL94-V0) EN55022 Level A
Dimensions
Derating
All dimensions in inches (mm) Pin Pitch tolerance 0.014 (0.35) Life Support Policy: HY-LINE does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Rev: 04 / 2005 f
Pin connections
Pin 1 2 4 5 6 7 8 Single + Input - Input CTRL No pin + Output - Output Trim Dual + Input - Input CTRL + Output Common - Output Trim
Page 2 of 2 Deutschland: Inselkammerstrae 10 D-82008 Unterhaching Tel.: 089 614 503-10 E-Mail: power@hy-line.de Schweiz: Grundenstrae 82 CH-8247 Flurlingen Tel.: 052 647 42 00 E-Mail: power@hy-line.ch


▲Up To Search▲   

 
Price & Availability of P15C24D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X