Part Number Hot Search : 
XC6385C TLE4270G ZXSC410 DS21Q44T 1N5229A TW9906 76PRB04T 102C03
Product Description
Full Text Search
 

To Download MR36PF34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE RIBBON
Adam Technologies, Inc.
INTRODUCTION Adam Tech MR Series Miniature Ribbon connectors come in a variety of terminations including Solder Terminals, Straight PCB Tails, Right Angle PCB mount, Flat Cable IDC and Straddle Mount Card Edge. These connectors with their high pressure, flat wiping contacts are a very popular widely used interface especially in telecommunication applications. Offered in 14, 24, 36 and 50 positions they are a good choice for high reliability positive latching connector applications. They combine an extremely reliable contact design with the popular, polarized D face. Adam Tech connectors are manufactured with precision stamped contacts and offer a wide selection of mating and mounting options. FEATURES: Available in many termination styles High pressure blade contacts Industry standard compatibility Durable metal shell design Variety of Mating and mounting options Spring latches provided separately installation optional. MATING CONNECTORS: Adam Tech Miniature Ribbon connectors and all industry standard miniature ribbon connectors. SPECIFICATIONS: Material: Standard insulator: PBT, Glass filled, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Color: Blue (Black optional) Contacts: Phosphor Bronze Shell: Steel, nickel plated Contact Plating: Gold Flash over nickel underplate on mating area, Tin over Copper underplate on tails Electrical: Operating Voltage: 250V AC Current Rating: 1 Amp max. Contact Resistance: 35 m max. Insulation Resistance: 1000 M min. Dielectric Withstanding Voltage: 1000V AC for 1 minute Mechanical: Insertion force: 12 oz max. Withdrawal force: 4.8 oz min. Temperature Rating: Operating Temperature: -55C to +105C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
STRAIGHT PCB TAIL IDC FLAT CABLE SOLDER TERMINALS RIGHT ANGLE PCB MOUNT
MR SERIES
ORDERING INFORMATION MR50
SHELL SIZE AND POSITIONS MR14 = 14 Contacts MR24 = 24 Contacts MR36 = 36 Contacts MR50 = 50 Contacts
S
F
14
MOUNTING 1 = Spring latches with .120" diameter mounting holes (socket only) 14 = Spring latches with #4-40 clinch nuts in mounting holes (socket only) 2 = Notch Ears (plug only) 3 = .120" diameter mounting holes only 34 = #4-40 threaded clinch nuts in mounting holes w/o spring latches
CONTACT TYPE P = Plug S = Socket
TERMINATION TYPE A = Solder Terminals C = Straight PCB Tail D = Right Angle PCB Mount E = IDC, All plastic shell F = IDC, Metal Shell G = Straddle Mount Tails
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
OPTIONS: Add designator(s) to end of part number 30 = 30 in gold plating in contact area BK = Black color insulator F = Forked boardlocks HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C LI = Spring Latches Installed
120
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of MR36PF34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X