Part Number Hot Search : 
EMK32 74AHC1 74AHC1 OM360L P6KE100 E02FR EPM7192S 74AHC1
Product Description
Full Text Search
 

To Download MPX4100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MPX4100 Rev 7, 12/2006
Integrated Silicon Pressure Sensor Manifold Absolute Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
The MPX4100 series Manifold Absolute Pressure (MAP) sensor for engine control is designed to sense absolute air pressure within the intake manifold. This measurement can be used to compute the amount of fuel required for each cylinder. The small form factor and high reliability of on-chip integration makes the MAP sensor a logical and economical choice for automotive system designers. Features * * * * * * 1.8% Maximum Error Over 0 to 85C Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine Control Systems Ideally Suited for Microprocessor Interfacing Temperature Compensated Over -40C to +125C Durable Epoxy Unibody Element Ideal for Non-Automotive Applications
MPX4100 SERIES
INTEGRATED PRESSURE SENSOR 20 TO 105 kPA (2.9 TO 15.2 psi) 0.3 TO 4.9 V OUTPUT
MPX4100A CASE 867-08
MPX4100AP CASE 867B-04
Typical Applications * Manifold Sensing for Automotive Systems
ORDERING INFORMATION(1)
Device Type Basic Element Options Absolute, Element Only Case No. 867-08 867B-04 867E-03 867F-03 MPX Series Order Number MPX4100A MPX4100AP MPX4100AS MPX4100ASX Device Marking MPX4100A MPX4100AP MPX4100A MPX4100A MPX4100ASX CASE 867F-03 MPX4100AS CASE 867E-03
Ported Elements Absolute, Ported Absolute, Stove Pipe Port Absolute, Axial Port
1. The MPX4100A series MAP silicon pressure sensors are available in the Basic Element, or with pressure port fittings that provide mounting ease and barbed hose connections.
PIN NUMBERS
1 2 3 VOUT GND VS 4 5 6 NC NC NC
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
The MPX4100 series piezoresistive transducer is a stateof-the-art, monolithic, signal conditioned, silicon pressure sensor. This sensor combines advanced micromachining techniques, thin film metallization, and bipolar semiconductor
processing to provide an accurate, high level analog output signal that is proportional to applied pressure. Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
VS
Sensing Element
Thin Film Temperature Compensation and Gain Stage #1
Gain Stage #2 and Ground Reference Shift Circuitry
VOUT
Pins 4, 5, and 6 are NO CONNECTS GND
Figure 1. Fully Integrated Pressure Sensor Schematic Table 1. MAXIMUM RATINGS
(2)
(1)
Rating Overpressure (P1 > P2)
Symbol Pmax Pburst Tstg TA
Value 400 1000 -40 to +125 -40 to +125
Unit kPa kPa C C
Burst Pressure(2) (P1 > P2) Storage Temperature Operating Temperature 1. TC = 25C unless otherwise noted.
2. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
MPX4100 2 Sensors Freescale Semiconductor
Table 2. OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25xC unless otherwise noted, P1 > P2)
Characteristic(1) Pressure Range(2) Supply Voltage(2) Symbol POP VS IO (0 to 85C) (0 to 85C) (0 to 85C) (0 to 85C) Voff VFSO VFSS -- V/P tR IO+ -- -- Min 20 4.85 -- 0.225 4.815 -- -- -- -- -- -- -- Typ -- 5.1 7.0 0.306 4.897 4.59 -- 54 1.0 0.1 20 0.5 Max 105 5.35 10 0.388 4.978 -- 1.8 -- -- -- -- -- Unit kPa Vdc mAdc Vdc Vdc Vdc %VFSS mV/kPa ms mAdc ms %VFSS
Supply Current Minimum Pressure Offset(3) @ VS = 5.1 V Full Scale Output(4) @ VS = 5.1 V Full Scale Span(5) @ VS = 5.1 V Accuracy(6) Sensitivity Response Time(7) Output Source Current at Full Scale Output Warm-Up Time
(8)
Offset Stability(9) (10)
1. Decoupling circuit shown in Figure 3 required to meet electrical specifications. 2. 1.0 kPa (kiloPascal) equals 0.145 psi. 3. Offset (Voff) is defined as the output voltage at the minimum rated pressure. 4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure. 5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum rated pressure. 6. Accuracy (error budget) consists of the following: * Linearity: Output deviation from a straight line relationship with pressure over the specified pressure range. * Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and from the minimum or maximum operating temperature points, with zero differential pressure applied. * Pressure Hysteresis: Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or maximum rated pressure, at 25C. * TcSpan: Output deviation over the temperature range of 0 to 85C, relative to 25C. * TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85C, relative to 25C. * Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25C. 7. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a specified step change in pressure. 8. Warm-up is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized. 9. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test. 10. Device is ratiometric within this specified excitation range.
Table 3. MECHANICAL CHARACTERISTICS
Characteristic Weight, Basic Element (Case 867) Common Mode Line Pressure(1) Symbol -- -- Min -- -- Typ 4.0 -- Max -- 690 Unit Grams kPa
1. Common mode pressures beyond specified may result in leakage at the case-to-lead interface.
MPX4100 Sensors Freescale Semiconductor 3
Fluoro Silicone Gel Die Coat Wire Bond
Die P1
Stainless Steel Metal Cover
Epoxy Plastic Case
Lead Frame Sealed Vacuum Reference
Absolute Element P2
Die Bond
Figure 2. Cross-Sectional Diagram (Not to Scale)
+5.0 V
1 3 1.0 F 0.01 F IPS 2
OUTPUT
Figure 3. Recommended Power Supply Decoupling (For output filtering recommendations, refer to Application Note AN1646.) Figure 2 illustrates an absolute sensing chip in the basic chip carrier (Case 867). A fluorosilicone gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the sensor diaphragm. The MPX4100A series pressure sensor operating characteristics, and internal reliability and qualification tests are based on use of dry air as the pressure media. Media, other than dry air, may have adverse effects on sensor performance and long-term reliability. Contact the factory for information regarding media compatibility in your application. Figure 4 shows the sensor output signal relative to pressure input. Typical, minimum, and maximum output curves are shown for operation over a temperature range of 0 to 85C. (The output will saturate outside of the specified pressure range.)
5.0 4.5 4.0 3.5 3.0 Output (Volts) 2.5 2.0 1.5 1.0 0.5 0
Transfer Function: VOUT = Vs* (.01059*P-.152) Error VS = 5.1 Vdc TEMP = 0 to 85C 20 kPa TO 105 kPa MAX MPX4100A
TYP
MIN
MPX4100 4 Sensors Freescale Semiconductor
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 Pressure (ref. to sealed vacuum) in kPa
Figure 4. Output versus Absolute Pressure
Transfer Function (MPX4100A) Nominal Transfer Value:
Vout = VS (P x 0.01059 - 0.1518) (Pressure Error x Temp. Factor x 0.01059 x VS) VS = 5.1 V 0.25 Vdc
Temperature Error Band MPX4100A Series
4.0 3.0 Temperature Error Factor 2.0 1.0 0.0 -40 -20 0 20 40 60 80 100 120 140 Temperature in Cx Temp - 40 0 to 85 +125 Multiplier 3 1 3
Pressure Error Band
3.0 2.0 Pressure Error (kPa) 1.0 0.0 -1.0 -2.0 -3.0 20
Error Limits for Pressure
40
60
80
100
120
Pressure (in kPa)
Pressure 20 to 105 (kPa)
Error (Max) 1.5 (kPa)
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
The two sides of the pressure sensor are designated as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing fluorosilicone gel, which protects the die from harsh media. The MPX pressure sensor is designed to operate with positive differential pressure applied, P1 > P2. The Pressure (P1) side may be identified by using the table below:
Part Number MPX4100A MPX4100AP MPX4100AS MPX4100ASX Case Type 867 867B 867E 867F Pressure (P1) Side Identifier Stainless Steel Cap Side with Port Marking Side with Port Attached Side with Port Attached
MPX4100 Sensors Freescale Semiconductor 5
PACKAGE DIMENSIONS
C R M B -AN
PIN 1 SEATING PLANE
1 2 3 4 5 6
POSITIVE PRESSURE (P1)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION -A- IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630).
INCHES MILLIMETERS MAX MIN MAX MIN 16.00 0.595 0.630 15.11 13.56 0.514 0.534 13.06 5.59 0.200 0.220 5.08 0.84 0.027 0.033 0.68 1.63 0.048 0.064 1.22 0.100 BSC 2.54 BSC 0.40 0.014 0.016 0.36 18.42 0.695 0.725 17.65 30 NOM 30 NOM 12.57 0.475 0.495 12.07 11.43 0.430 0.450 10.92 0.090 0.105 2.29 2.66
L
-TG F D 6 PL 0.136 (0.005)
M
J S
TA
M
DIM A B C D F G J L M N R S OPEN GROUND +VOUT +VSUPPLY -VOUT 6. OPEN
STYLE 1: PIN 1. 2. 3. 4. 5. 6.
VOUT GROUND VCC V1 V2 VEX
3: CASE 867-08 STYLE 1. OPEN PIN GROUND 2. ISSUE N -VOUT 3. VSUPPLY BASIC ELEMENT (A, D) 4. +VOUT 5. STYLE 2: PIN 1. 2. 3. 4. 5. 6. OPEN
CASE 867-O8 ISSUE N BASIC ELEMENT
MPX4100 6 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
C
A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
INCHES MILLIMETERS MAX MIN MAX MIN 18.28 0.720 17.53 0.690 6.48 6.22 0.245 0.255 20.82 0.780 0.820 19.81 0.84 0.69 0.027 0.033 4.72 4.52 0.178 0.186 1.63 1.22 0.048 0.064 0.100 BSC 2.54 BSC 0.41 0.36 0.014 0.016 9.53 8.76 0.375 0.345 7.87 7.62 0.300 0.310 6.10 5.59 0.220 0.240 4.93 4.62 0.194 0.182 STYLE 1: PIN 1. 2. 3. 4. 5. 6.
-B-
V
PIN 1
PORT #1 POSITIVE PRESSURE (P1)
6
5
4
3
2
1
K
S G F D 6 PL 0.13 (0.005)
M
J N E -T-
DIM A B C D E F G J K N S V
TB
M
VOUT GROUND VCC V1 V2 VEX
CASE 867E-O3 ISSUE D STOVE PIPE PORT (AS)
-TC E A U -Q-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D E F G J K N P Q R S U V INCHES MILLIMETERS MAX MIN MIN MAX 28.45 27.43 1.080 1.120 19.30 18.80 0.740 0.760 16.51 16.00 0.630 0.650 0.84 0.68 0.027 0.033 4.57 4.06 0.160 0.180 1.63 1.22 0.048 0.064 0.100 BSC 2.54 BSC 0.41 0.36 0.014 0.016 6.10 5.59 0.220 0.240 2.03 1.78 0.070 0.080 4.06 3.81 0.150 0.160 4.06 3.81 0.150 0.160 11.68 11.18 0.440 0.460 18.42 17.65 0.695 0.725 21.84 21.34 0.840 0.860 4.93 4.62 0.182 0.194 STYLE 1: PIN 1. 2. 3. 4. 5. 6.
V
N B R
PORT #1 POSITIVE PRESSURE (P1)
PIN 1
-P0.25 (0.010)
M
TQ
M
6
5
4
3
2
1
S K J 0.13 (0.005)
M
TP
S
D 6 PL QS F
G
VOUT GROUND VCC V1 V2 VEX
CASE 867F-03 ISSUE D AXIAL PORT (ASX)
MPX4100 Sensors Freescale Semiconductor 7
PACKAGE DIMENSIONS
PAGE 1 OF 2
CASE 867B-04 ISSUE G PORTED (AP)
MPX4100 8 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
PAGE 2 OF 2
CASE 867B-04 ISSUE G PORTED (AP)
MPX4100 Sensors Freescale Semiconductor 9
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MPX4100 Rev. 7 12/2006


▲Up To Search▲   

 
Price & Availability of MPX4100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X