Part Number Hot Search : 
OV7959 SI2311DS MC74ACT 1000B 75M00 KE39A 75NS04Z D1A0510
Product Description
Full Text Search
 

To Download MMBT4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
PNP General Purpose Transistor
FEATURES
Epitaxial planar die construction. Complementary NPN type available (MMBT4401). Also available in lead free version. Ideal for medium power amplification and switching.
Production specification
MMBT4403
Pb
Lead-free
APPLICATIONS
Ideal for medium power amplification and switching SOT-23
ORDERING INFORMATION
Type No. MMBT4403 Marking 2T Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj ,Tstg Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) Collector dissipation junction and storage temperature Value -40 -40 -5 -0.6 0.35 -55-150 UNIT V V V A W C
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC074 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
PNP General Purpose Transistor
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage collector cut-off current collector cut-off current emitter cut-off current Test conditions
Production specification
MMBT4403
MIN. -40 -40 -5 -0.1 -0.1 30 60 100 100 20 -0.1 A A A MAX. UNIT
IC=-100A,IE=0 IC=-1mA,IB=0
B
IE=-100A,IC=0 IE = 0; VCB = -35V IE = 0; VCB = -35V IC = 0; VEB = -4V VCE = -1V; IC= -0.1mA VCE = -1V;IC = -1mA VCE = -1V;IC = -10mA VCE = -2V;IC = -150mA VCE = -2V;IC = -500mA IC = -150mA ,IB = -15mA IC = -500mA ,IB = -50mA
B B
hFE
DC current gain
300
VCE(sat)
collector-emitter saturation voltage
-0.4 -0.75 -0.95 -1.3 -
V
VBE(sat) fT
base-emitter saturation voltage transition frequency
IC = -150mA; IB = -15mA IC = -500mA; IB = -50mA
B B
-0.75 200
V MHz
IC = -20mA; VCE= -10V; f =100MHz
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC074 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
PNP General Purpose Transistor
Production specification
MMBT4403
Document number: BL/SSSTC074 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
PNP General Purpose Transistor
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
MMBT4403
SOT-23
SOT-23
Dim A B C D E G H
H C
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device MMBT4403
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC074 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of MMBT4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X