Part Number Hot Search : 
RER22 B8806 3842AN DR2AR EN7354 1N486A PI5C3257 TC170
Product Description
Full Text Search
 

To Download MJE3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
MJE3055
FEATURES Power dissipation PCM: 2 W (Tamb=25)
TRANSISTOR (NPN)
TO-220
1. BASE 2. COLLECTOR 3. EMITTER
Collector current 10 A ICM: Collector-base voltage 70 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) DC current gain hFE(2) VCE=4V, IC=10A IC=4A, IB=400mA Collector-emitter saturation voltage VCE(sat) IC=10A, IB=3.3A Base-emitter voltage Transition frequency VBE VCE=4V, IC=4A VCE=10V, IC=500mA
123
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=1mA, IE=0 Ic=200mA, IB=0 IE=1mA, IC=0 VCB=70V, IE=0 VCE=30V, IE=0 VEB=5V, IC=0 VCE=4V, IC=4A
70 60 5 1 0.7 5 20 5 1.1 8 1.8 2 100
mA mA mA
V V V MHz
fT


▲Up To Search▲   

 
Price & Availability of MJE3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X