Part Number Hot Search : 
2SD25 C2510 T52C4V DBL1018 BB155 W29NK50 N4007 UPD784
Product Description
Full Text Search
 

To Download MB408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40A Single-Phase Bridge Rectifier MB4005 - MB4010
40A Single-Phase Bridge Rectifier
Features
* Low Reverse Leakage Current * Low Power Loss, High Efficiency * Electrically Isolated Metal Case for Max. Heat Dissipation * Case to Terminal Isolation Voltage 2500V * This series is UL recognized under component index, File number E194718 * RoHS Compliant
MB35 (Metal Case)
Mechanical Data
Case: Terminals: Polarity: Mounting: Mounting Torque: Weight: KBPC (MB35) Metal case with faston lugs Plated faston lugs As marked on case Through hole with #10 screw 23 cm-kg (20 in-lbs) Max. 30 grams
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbol Description Max. Repetitive Peak Reverse Voltage Max. RMS Voltage Max. DC blocking voltage Average Rectified Output Current Non-Repetitive Peak Forward Surge Current MB4005 50 35 50 MB401 100 70 100 MB402 200 140 200 MB404 400 280 400 40 MB406 600 420 600 MB408 800 560 800 MB4010 1000 700 1000 Unit V V V A Conditions
VRRM VRMS VDC IO
TA=60C
8.3ms single half sine-wave superimposed on rated load (JEDEC method)
IFSM
400
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/DX 2007-06-09 Page 1 of 4
40A Single-Phase Bridge Rectifier MB4005 - MB4010
Symbol Description Forward Voltage per leg Max. Reverse DC Current At Rated DC Blocking Voltage per leg Rating for Fusing (t<8.3ms) Typical junction capacitance per leg Typical Thermal Resistance per leg RMS Isolation Voltage from Case to Leads Operating Junction and MB4005 MB401 MB402 MB404 1.2 10 1000 664 300 2.1 2500 MB406 MB408 MB4010 Unit V A A As pF f=1MHz VR= 4V , Conditions
VFM IRM It CJ RthJC VISO
IO=20A TC = 25C TC = 125C
C / W Note V
TJ,TSTG Storage Temperature
Range
-65 to +150
C
Note: Thermal Resistance junction to case, mounted on heatsink.
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve IFSM, Peak Forward Surge Current (A) IF, Average Forward Current (A)
Fig.2-Max. Non-repetitive Peak Forward Surge Current Per Leg
TA, Ambient Temperature (C)
Number of Cycle at 60Hz Rev. A/DX 2007-06-09
www.taitroncomponents.com
Page 2 of 4
40A Single-Phase Bridge Rectifier MB4005 - MB4010
Fig.3-Typical Instantaneous Forward Characteristic Per Leg IR, Instantaneous Reverse current (A) IF, Instantaneous Forward Current (A) Fig.4-Typical Reverse Characteristics Per Leg
VF, Instantaneous forward voltage (V) Percent of Rated Peak Reverse Voltage (%)
Fig.5-Typical Junction Capacitance Per Leg
CJ, Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/DX 2007-06-09 www.taitroncomponents.com Page 3 of 4
40A Single-Phase Bridge Rectifier MB4005 - MB4010
Dimensions in inch (mm)
KBPC (MB35)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-06-09 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of MB408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X