Part Number Hot Search : 
PT2261A PT2261A L6203 TMM823 3XXB1 XXXGX HV21816X 10EJMS8
Product Description
Full Text Search
 

To Download LV7620DW-1250M-T500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Do Not Use for New Designs - use LV55 or LV77
* Pletronics' LV76D / LV78D Series is a quartz crystal controlled precision square wave generator with an LVDS output. * FR4 base with a mechanical metal cover. * Solder pad compatible with many 9x14mm plastic J lead packages. * Tape and Reel or cut tape packaging is available. * 80 to 250 MHz * 9.04mm x 8.23mm (S package) * Enable/Disable LV76D on pad 1 LV78D on pad 2 * Disable function includes low standby power mode * 3rd Overtone Crystals used * Low Jitter * 5x7 mm LV77xxDW is used
Pletronics Inc. certifies this device is in accordance with the RoHS 5/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB's, PBDE's Weight of the Device: 0.4 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter VCC Supply Voltage Vi Vo Input Voltage Output Voltage Unit -0.5V to +5.0V -0.5V to VCC + 0.5V -0.5V to VCC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC The thermal resistance junction to board is 60 to 100oC/Watt depending on the solder pads, ground plane and construction of the PCB.
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters.
Copyright (c) 2006, 2007, 2008 Pletronics Inc.
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Part Number:
LV7x 45 D E W -125.0M -XX Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel Frequency in MHz Supply Voltage VCC W = 2.5V _ 10% + Optional Enhanced OTR Blank = Temp. range -10 to +70oC E = Temp. range -40 to +85oC Series Model Frequency Stability 45 = + 50 ppm _ 44 = + 25 ppm _ 20 = + 20 ppm _ Series Model LV76 or LV78 Marking Legend: PLE = Pletronics The marking is on the cover of the LV77 device FF.FFF M = Frequency in MHz The marking is that of the LV77 device YMD = Date of Manufacture (year and week, or year-month-day) All other marking is internal factory codes Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. Codes for Date Code YMD
Code Year Code Month Code Day Code Day Code Day 1 1 D 13 T 25 6 2006 A JAN 2 2 E 14 U 26 7 2007 B FEB 3 3 F 15 V 27 8 2008 C MAR 4 4 G 16 W 28 9 2009 D APR E MAY 5 5 H 17 X 29 0 2010 F JUN 6 6 J 18 Y 30 1 2011 G JUL 7 7 K 19 Z 31 H AUG 8 8 L 20 2 2012 J SEP 9 9 M 21 K OCT A 10 N 22 L NOV B 11 P 23 M DEC C 12 R 24
Part Marking: PLE LV77 FF.FFF M C YMDXX
www.pletronics.com
425-776-1880
2
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Electrical Specification for 2.50V _10% over the specified temperature range +
Item Frequency Range Frequency Accuracy "45" "44" "20" Output Waveform Output High Level Output Low Level Differential Output (VOD) Output Offset Voltage (VOS) Differential Output Error (dVOS) Output Symmetry Output TRISE and TFALL Jitter -0.90 247 1.125 -45 300 Vcc Supply Current Enable/Disable Internal Pull-up V disable V enable Output leakage VOUT = VCC VOUT = 0V Enable Disable time Start up time Operating Temperature Range 50 2.0 -10 -10 -10 -40 Storage Temperature Range Standby Current ICC -55 Min 80 -50 -25 -20 Max 250 +50 +25 +20 LVDS 1.60 -454 1.375 50 55 700 0.15 2.8 63 0.8 +10 +10 10 10 5 +70 +85 +125 3 mA Kohm Volts Volts uA uA nS nS mS
o
Unit MHz ppm
Condition
For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures
Volts Volts mVolts Volts mVolts % pS pS RMS
See load circuit See load circuit See load circuit See load circuit See load circuit
R1 = 50 ohms R1 = 50 ohms R1 = 50 ohms R1 = 50 ohms R1 = 50 ohms
Referenced to 50% of amplitude or crossing point Vth is 20% and 80% of waveform Measured from 12KHz to 20MHz from Fnominal Measured from 10Hz to 1MHz from Fnominal Includes current of properly terminated device To Vcc (equivalent resistance) Referenced to Ground Referenced to Ground Pad 1 low, device disabled
Time for output to reach a logic state Time for output to reach a high Z state Measured from the time Vcc = 3.0V Standard Temperature Range Extended Temperature Range "E" Option
C C C
o
o
uA
Pad 1 low, device disabled
Specifications with E/D open circuit
www.pletronics.com
425-776-1880
3
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Typical Phase-Noise Response
0 -20 -40
dBc/Hz
-60 -80 -100 -120 -140 -160 10 1,000 100,000 10,000,000
Frequency (Hz)
Load Circuit
Test Waveform
Symmetry
Vhigh 80% 50% 20% Vlow
Trise Tfall
Out
Out* Showing Out Measurement only
www.pletronics.com
425-776-1880
4
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Reliability: Environmental Compliance
Parameter Mechanical Shock Vibration Solderability Thermal Shock Condition MIL-STD-883 Method 2002, Condition B MIL-STD-883 Method 2007, Condition A MIL-STD-883 Method 2003 MIL-STD-883 Method 1011, Condition A
ESD Rating
Model Human Body Model Charged Device Model Minimum Voltage 1500 1000 Conditions MIL-STD-883 Method 3115 JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Bar code is 39-Full ASCII (the label will show LV76 or LV78) Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Arial
www.pletronics.com
425-776-1880
5
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Mechanical:
Inches B 0.356 +0.005 _ 0.126 +0.005 _ 0.324 +0.005 _ 0.050 0.040 0.059 0.020 0.040 0.100 0.062
mm 9.04 +0.13 _ 3.21 +0.13 _ 8.23 +0.13 _ 1.27 1.02 1.50 0.51 1.02 2.54 1.57
1
FR4 PCB Base: Solder masked Label: laser marked lettering All via holes tented on bottom Copper Clad 670 inch (17 m) Nickel plated 118 inch (3 m) Gold plated 0.8 inch (0.02 m) Typical thicknesses Pin 3 Ground plane is typical Not to scale
6 5 4
2
C
3
D F1 G1 H1 I1 J1 K1 L1
Pad 76 1 2 78 2 1
Function
Note
No connect Output Enable/Disable Ground (GND) Output Output* Supply Voltage (VCC)
There is no internal connection to this pad When this pad is not connected the oscillator shall operate. When this pad is <0.30 volts, the output will be inhibited (high impedance state.) Recommend connecting this pad to VCC if the oscillator is to be always on.
3 4 5 6
The outputs must be terminated, 100 ohms between the outputs is the ideal termination. Recommend connecting appropriate power supply bypass capacitors as close as possible.
Layout and application information
Recommend connecting Pad 1 and Pad 2 together to permit the design to accept Enable/Disable on both input pads (see LV76D for E/D on pad 1) For Optimum Jitter Performance, Pletronics recommends: * a ground plane under the device * no large transient signals (both current and voltage) should be routed under the device * do not layout near a large magnetic field such as a high frequency switching power supply
www.pletronics.com
425-776-1880
6
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed LV77xxDW series oscillator. This part is now exposed. The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead free processes. The cover purpose was only cosmetic. All parts with 2008 date codes will be made in the new fashion. There is no change in electrical properties. Pletronics does recommend that all designs should transition to the LV77xxDW ceramic part.
Inches A B C D1 E1 F1 Cover: Centered on the base 304 Stainless Steel 0.010 inch (0.25mm) Electroless Nickel Plated 1 inch (25 m) typical Label: White Kapton with Black Letters -or-Blue Epoxy heat cure ink covering top with laser marked lettering FR4 PCB Base: Solder masked Solder masked All via holes tented on bottom Copper Clad 670 inch (17 m) Nickel plated 118 inch (3 m) Gold plated 0.8 inch (0.02 m) Typical thicknesses Pin 3 Ground plane is typical Not to scale G1 H1 I1 J1 K1 L1 0.351 +0.003 _ 0.356 +0.005 _ 0.103 +0.005 _ 0.324 0.316 0.050 0.040 0.059 0.020 0.040 0.100 0.026 typical mm 8.91 +0.07 _ 9.04 +0.13 _ 2.62 +0.13 _ 8.23 8.03 1.27 1.02 1.50 0.51 1.02 2.54 0.66
* * *
The package is not hermetically sealed. The sides are intentionally left open to permit cleaning material to freely flow in the package, thus minimizing the accumulation of contaminants during cleaning processes. The internal part of the package must be thoroughly dry before operating.
www.pletronics.com
425-776-1880
7
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
Reflow Cycle (typical for lead free processing)
Temperature (C)
250 200 150 100 175C10C
260C Maximum 10 Seconds Maximum 215C10C
120 to 160 Seconds
Approximately 50 Seconds Allowed rate of temperature change Maximum 4C per second
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1 Tape Size 8mm 12mm 16mm 24mm 1.5 +0.1 -0.0 D1 Min 1.0 1.5 1.5 1.5 1.75 _0.1 + 4.0 0.6 _ +0.1 2.0 _0.1 + 0.6 0.1 S1 Min T Max T1 Max
D0
E1
P0
P2
2.0 _ +0.05
Variable Dimensions Table 2 Tape Size 24 mm B1 Max 9.88 E2 Min F P1 T2 Max 3.22 W Max 24.3 Ao, Bo & Ko Note 1 Not to scale
22.25
11.5 _0.1 +
16.0 +0.1 _
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
REEL DIMENSIONS A inches mm B inches mm C D mm mm --7.0 177.8 2.50 63.5 10.0 254.0 4.00 101.6 13.0 +0.5 / -0.2 --24.4 +2.0 -0.0 24.0 13.0 330.2 3.75 95.3 Tape Width
Reel dimensions may vary from the above
www.pletronics.com
425-776-1880
8
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
IMPORTANT NOTICE Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice. Customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to PLE's terms and conditions of sale supplied at the time of order acknowledgment. PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with PLE's limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. PLE assumes no liability for application assistance or customer product design. Customers are responsible for their products and applications using PLE components. To minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. PLE products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk applications should be directed to PLE. PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent right, copyright, artwork or other intellectual property right relating to any combination, machine or process which PLE product or services are used. Information published by PLE regarding third-party products or services does not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from PLE under the patents or other intellectual property of PLE. Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such altered documents. Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that product or service voids all express and implied warranties for the associated PLE product or service and is an unfair or deceptive business practice. PLE is not responsible for any such statements. Contacting Pletronics Inc. Pletronics Inc. 19013 36th Ave. West Lynnwood, WA 98036-5761 USA Tel: 425-776-1880 Fax: 425-776-2760 E-mail: ple-sales@pletronics.com URL: www.pletronics.com
Copyright (c) 2006, 2007, 2008 Pletronics Inc.
www.pletronics.com
425-776-1880
9


▲Up To Search▲   

 
Price & Availability of LV7620DW-1250M-T500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X