Part Number Hot Search : 
25005 B10011S TA7061 SPE0532 IMP690 1500A MP150 TN4A60S
Product Description
Full Text Search
 

To Download KBU8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SILICON BRIDGE RECTIFIERS
FEATURES
Rating to 1000V PRV Surge overload rating to 250 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded
.760(19.3)Max .700(17.8) .660(16.8) .160(4.1) .140(3.6)
KBU8A - - - KBU8M
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 8.0A
KBU
.933(23.7) .894(22.7) .185(4.7) .165(4.2) .280(7.1) .260(6.6)
45
0
.085(2.2) .065(1.7)
+ + _ ~
.075(1.9)R.TYP. (2 PLACES)
plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208
1.0(25.4)Min
~
+
.455(11.3) .405(10.3)
.260(6.6) .180(4.5)
.205(5.2) .185(4.7)
.052(1.3) .048(1.2) .220(5.6) .180(4.6)
Dimensions in inches and (mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBU 8A
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard output current @TA=50
KBU 8B
100 70 100
KBU 8D
200 140 200
KBU 8G
400 280 400 8.0
KBU 8J
600 420 600
KBU 8K
800 560 800
KBU 8M
1000 700 1000
UNITS
V V V A
V RRM V RMS V DC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 4.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
250.0
A
VF IR TJ TSTG
1.0 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287024
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD OUTPUT CURRENT, AMPERES
KBU8A - - - KBU8M
FIG.2 -- MAXIMUM FORWARD SURGE CURRENT
8
PEAK FORWARD SURGE CURRENT, AMPERES
250 225 200 175 150 125 100 75 1 2 5 10 20 50 100 8.3ms Single Half Sine Wave TJ=125
6
4
2
MOUNTES ON 4:4 INCH CPUFER PC BOARD 0.5"(12.7mm) Lead length
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
NUMBER OF CYCLES AT 60HZ FIG.4 -- TYPICAL REVERSE CHARACTERISTIC INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
INSTANTANEOUS FORWARD CURRENT, AMPERES
100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 TJ=25 Pulse Width =300S
10
TJ=100 1
.1 TJ=25
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER ELEMENT
400
CAPACITANCE, pF
100 50
TJ=25
10 1
10
100
REVERSE VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287024
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of KBU8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X