Part Number Hot Search : 
ATS01 NJM2671 4ACT24 STGP10N EDZ27 6722MT 2SC37 M100D
Product Description
Full Text Search
 

To Download KBU8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU8A THRU KBU8M
Features
* Low Forward Voltage Drop, High Current Capability * Surge Overload Rating to 300A Peak * Ideal for Printed Circuit Board Applications * Case to Terminal Isolation Voltage 1500V * Plastic Material - UL Flammability Classification Rating 94V-0
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
A C B D K L M
J
~~+
E
N P
Mechanical Data
* Case : Molded Plastic * Terminals : Plated Leads Solderable per MIL-STD-202, Method 208 * Polarity : As Marked on Case * Mounting : Through Hole for #6 Screw * Mounting Torque : 5.0 Inch-pounds Maximum * Weight : 8.0 grams (approx.) * Marking : Type Number
H
Dim A B C D E G H
G
KBU Min Max Dim Min J 22.70 23.70 25.40 3.80 4.10 K 16.80 4.20 4.70 L M 1.70 2.20 6.60 N 4.70 10.30 11.30 4.50 6.80 P 1.20 4.80 5.80 A ll Dimens ions in mm
Max 19.30 17.80 7.10 5.20 1.30
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse voltage Working Peak Reverse voltage DC Blocking voltage RMS Reverse voltage Average Rectified Output Current @ TC=100E VRMM VRWM VR VRMS Io IFSM VFM IRM I2t ReJA Tj TSTG
KBU 8A
50 35
KBU 8B
100 70
KBU 8D
200 140
KBU 8G
400 280 8.0 300 1.0 10 1.0 373 7.5 -65 to +150
KBU 8J
600 420
KBU 8K
800 560
KBU 8M
1000 700
Units
Volts Volts Amps Amps Volts i A mA A2S E /W E
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Forward voltage (per element) Peak Reverse Current at Rated DC Blocking voltage I2t Rating for Fusing (Note 2) Typical Thermal Resistance, Junction to Case (Note 1) Operating and Storage Temperature Range @ IF=4.0 A @ TC=25E @ TC=125E
Notes:
(1) Thermal resistance junction to case mounted on heat sink. (2) Non-repetitive, for t > 1.0ms and t < 8.3ms.
RATINGS AND CHARACTERISTIC CURVES KBU8A THRU KBU8M
8 I (A V) ,A VERAGE FORWARD CURRENT (A)
100 I F , INSTANTANEOUS FORWARD CURRENT (A)
Heat Sink
6
10
4
1.0
2
Mounted on 4 X 4 inch Copper PC Board 12.7 mm lead length
T j = 25C Pulse width = 300 s
0 0 50 100 150 T C , CASE TEMPERATURE (C) Fi g. 1 Forward Current Derating Curve
0.1 0.6 0.8 1.0 1 .2 V F ,INSTANTANEOUS FORWARD VOLTAGE (V) Fi g. 2 Typical Forward Characteristics
C J , JUNCTION CAPACITANCE (pF)
300
T j = 125C 8.3 ms Single half-sine-wave
1000
T j = 25C f = 1 MHz
I F ,PEAK FWD SURGE CURRENT (A)
250
200
100
150
100
50 0 1 10 100 NUMBER OF CYCLES AT 60Hz Fi g. 3 Max Non-Repetitive Surge Forward Current
10 0.1 1 10 100 V R ,REVERSE VOLTAGE (V) Fi g. 4 Typical Junction Capacitance per element
10 I R , INSTANTANEOUS REVERSE CURRENT(A)
T j = 100C
1.0
0.1
T j = 25C
0.01 0 40 80 1 20 PERCENT OF RATED PEAK REVERSE VOLT AGE (%) Fi g. 5 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of KBU8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X