Part Number Hot Search : 
OBH31010 1E475 ENA1170 2PA1774J OBH31010 20NM60A L51DC 00850
Product Description
Full Text Search
 

To Download IRF840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc N-Channel Mosfet Transistor
IRF840
*FEATURES *Drain Current -ID=8.0A@ TC=25 *Drain Source Voltage: VDSS= 500V(Min) *Static Drain-Source On-Resistance : RDS(on) = 0.85(Max)
*DESCRITION *Designed for high voltage, high speed switching power applications such as switching regulators, converters, solenoid and relay drivers.
*ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VDSS VGS ID IDM PD Tj Tstg PARAMETER Drain-Source Voltage Gate-Source Voltage-Continuous Drain Current-Continuous Drain Current-Single Plused Total Dissipation @TC=25 Max. Operating Junction Temperature Storage Temperature VALUE 500 20 8 32 125 150 -55~150 UNIT V V A A W
*THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 1.0 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc N-Channel Mosfet Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
IRF840
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
500
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 4A VGS= 20V;VDS= 0
0.85 500
IGSS
Gate-Body Leakage Current
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS=0
250
nA
VSD
Forward On-Voltage
IS= 8A; VGS=0
2.0
V
*
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of IRF840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X