Part Number Hot Search : 
20A1001 EP8301 TC113 MAX11121 SW6888 GBU1008 LTC1864 LA3401
Product Description
Full Text Search
 

To Download IRF730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF730
POWER MOSFET
GENERAL DESCRIPTION
This Power MOSFET is designed for low voltage, high speed power switching applications such as switching regulators, conveters, solenoid and relay drivers.
FEATURES
Higher Current Rating Lower rDS(ON), Lower Capacitances Lower Total Gate Charge Tighter VSD Specifications Avalanche Energy Specified
PIN CONFIGURATION
TO-220
SYMBOL
D
Top View
GATE
SOURCE
DRAIN
G
S
1 2 3
N-Channel MOSFET
ORDERING INFORMATION
Part Number Package IRF730..................................................TO-220
ABSOLUTE MAXIMUM RATINGS
Rating Drain to Current Continuous Pulsed (Note 1) Gate-to-Source Voltage Total Power Dissipation Derate above 25 Single Pulse Drain-to-Source Avalanche Energy Operating and Storage Temperature Range Thermal Resistance Junction to Case Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8" from case for 10 seconds TJ = 25 EAS TJ, TSTG
JC JA
Symbol ID IDM VGS PD
Value 6.0 21 20 96 0.77 180 -55 to 150 1.70 62 300
Unit A V W W/ mJ
Continue
(VDD = 100V, VGS = 10V, IL = 6A, L = 10mH, RG = 25 ) /W
TL
Page 1
IRF730
POWER MOSFET
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25 .
CIRF730 Characteristic Drain-Source Breakdown Voltage (VGS = 0 V, ID = 250 A) IDSS 25 ) IGSSF IGSSR VGS(th) A) RDS(on) gFS Ciss Coss Crss td(on) (VDD = 200 V, ID = 6 A, RG = 9.1 , VGS = 10 V) (Note 4) tr td(off) tf (VDS = 320V, ID = 6A VGS = 10 V) (Note 4) Qg Qgs Qgd LD LS 2.9 515 185 15 7 11 19 10 9.5 2 3 4.5 7.5 720 260 30 10 20 40 20 1.0 mhos pF pF pF ns ns ns ns nC nC nC nH nH 2.0 100 100 -100 4.0 nA nA V A Drain-Source Leakage Current (VDS = 400V, VGS = 0 V) (VDS = 400V, VGS = 0 V, TJ = 125 (Vgsf = 20 V, VDS = 0 V) Gate-Source Leakage Current-Reverse (Vgsr = -20 V, VDS = 0 V) Gate Threshold Voltage (VDS = VGS, ID = 250 Static Drain-Source On-Resistance (VGS = 10 V, ID = 3A) (Note 4) Forward Transconductance (VDS = 50V, ID = 3 A) (Note 4) Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Internal Drain Inductance (Measured from the drain lead 0.25" from package to center of die) Internal Drain Inductance (Measured from the source lead 0.25" from package to source bond pad) SOURCE-DRAIN DIODE CHARACTERISTICS Reverse Recovery Charge Forward Turn-On Time Reverse Recovery Time Diode Forward Voltage Note (1) (2) (3) (4) Repetitive rating; pulse width limited by max. junction temperature VDD = 50V, starting TJ = 25 ISD 4.5A, di/dt Pulse Test: Pulse Width , L=24mH, RG = 25 , IAS = 4.5A V(BR)DSS, TJ 2% 150 300s, Duty Cycle 75A/s, VDD IF = 6A, di/dt = 100A/s , TJ = 25 (Note 4) IS = 6A, VGS = 0 V, TJ = 25 (Note 4) Qrr ton trr VSD 1.6 ** 270 1.5 ns V C (VDS = 25 V, VGS = 0 V, f = 1.0 MHz) Gate-Source Leakage Current-Forward Symbol V(BR)DSS Min 400 Typ Max Units V
** Negligible, Dominated by circuit inductance
Page 2
IRF730
POWER MOSFET
TYPICAL ELECTRICAL CHARACTERISTICS
12
3 Normalized Drain-to-Source Resistance, Rdon
10 Drain Current, Id (A)
Tc = 25 C Pulse width = 20 us Vgs = 10V (Top), 8V, 7V, 6V 5.5V, 5V, 4.5V (Bottom)
2.5
Vgs = 10 V Id = 5.5 A
8
2
6
1.5 SmartStar Technology, Inc.
2
4
1
2
0.5
0 0.1 1 Drain-to-Source Voltage, Vds (V) 10
0
-60
-20
20
60
100
140
Junction Tem pe rature , Tj (C)
Figure 1. Id versus Vds Curve
10000
Figure 2. Rdon versus Tj Curve
12
Gate-to-Source Voltage, Vgs (V)
10
Vds = 320 V Id = 5.5 A
1000 Capacitor (pF)
Ciss =Cgd+Cgs
8
Cos s=Cds+Cgd 100
6
4
10
2
Tc = 25 C f = 1 MHz Vgs = 0 V
Crss=Cgd
0 0.00
1
10.00 20.00 30.00
1.0
10.0
100.0
1000.0
Total Gate Charge, Qg (nC)
Drain-to-Source Voltage , Vds (V)
Figure 3. Vgs versus Qg Curve
Figure 4. Capacitor versus Vds Curve
10
Normalized thermal impedance, Zthjc
Duty Cycle = 0.5 (Top), 0.2, 0.1, 0.05, 0.02, 0.01, Single Pulse (Bottom)
1
0.1
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (second)
Figure 5. Transient thermal impedance Curve
Page 3


▲Up To Search▲   

 
Price & Availability of IRF730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X